Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM7101 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SDM7101
Description  Technical Specification for Optical Transceiver Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SDM7101 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SDM7101 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDM7101 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDM7101 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDM7101 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDM7101 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDM7101 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDM7101 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDM7101 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDM7101 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 7 / 9 -
(SDM7101-XC,SDM7101-XC)
Specification:TS-S97D022C
Date : August , 2000
7-2. Receiver side
8. Recommended Inteface Circuit
: Transmission Line with Zo= 50
Ω
R1 = R3 = R5 = R7 = R9 = 82
Ω , R2 = R4 = R6 = R8 = R10 = 130Ω , R11=10Ω
C1 = 100 µF, C3 = 2200 pF, C2 = C6 = 0.1 µF, C4 = C5 = 1 µF
L1, L2 : Ferrite Bead ZBF 253D-00 (TDK)
Parameter
Symbol
min.
Typ.Max.Unit
Note
Center Wavelength
-
1261
1580
nm
Minimum Sensitivity
Pmin
-34.0
nm
1, 2
Overload
Pmax
-8.0
nm
1, 2
Flag Assert Level
Pa
-48
-37
-34
dBm
2
Flag deassert Level
Pd
-49
-40
-34
dBm
Note 1. BER=10^-10, 2. Measured at the bit rate of 155.52Mbps, PRBS 2^23-1, NRZ
Note 2. 50% duty cycle data
9. VeeTx
8. TD
7. TDb
6. VccTx
1. VeeRx
5. VccRx
4. SD
3. RDb
2. RD
VccTx
Vcc
Vcc
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
C2
C5
C3
C6
L2
TD
Vcc
SD
RD
RDb
TDb
Terminate close to
Transceiver Inputs
Terminate close to
Device Inputs
C1
C4
L1
R11
Figure 6
Recommended Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com