Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-GSB170TS-BC Datasheet(PDF) 8 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RF-GSB170TS-BC
Description  The Colour LED which was fabricated using a green-yellow chipPackage Dimension
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RF-GSB170TS-BC Datasheet(HTML) 8 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button RF-GSB170TS-BC Datasheet HTML 4Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-GSB170TS-BC Datasheet HTML 5Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-GSB170TS-BC Datasheet HTML 6Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-GSB170TS-BC Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-GSB170TS-BC Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-GSB170TS-BC Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-GSB170TS-BC Datasheet HTML 10Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-GSB170TS-BC Datasheet HTML 11Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-GSB170TS-BC Datasheet HTML 12Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:8
REFOND:WI-E-045
A/3
REV:E/2
TG-201702280162EP
Fig 1-8 Pin Temperature Vs Relative Intensity
Fig 1-9 Pin Temperature Vs Forward Current
0
10
20
30
40
50
0
20
40
60
80
100
120
Pin Temperature (℃)
0.7
0.8
0.9
1
1.1
0
25
50
75
100
Ambient Temperature (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com