Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-OUB170TS-CE Datasheet(PDF) 13 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RF-OUB170TS-CE
Description  The Colour LED which was fabricated using a orange chipPackage Dimension
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RF-OUB170TS-CE Datasheet(HTML) 13 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button RF-OUB170TS-CE Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 10Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 11Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 12Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:13
REFOND:WI-E-045
A/3
REV:E/2
TG-201702280165EP
2.3 Cardboard Box
Fig.2-5 Cardboard Box
2.4 Reliability Test Items And Conditions
Table 2-3 Reliability Test Items And Conditions
Test Items
Ref.Standard
Test Condition
Time
Quantity
Ac/Re
/
Reflow
JESD22-B106
Temp:260
max
T=10 sec
2 times
22Pcs.
0/1
Temperature Cycle
JESD22-A104
100
30 min
↑↓5 min
-40
30 min
100 cycles
22Pcs.
0/1
Thermal Shock
JESD22-A106
-40
15min
↑↓
100
15min
300 cycles
22Pcs.
0/1
High Temperature Storage
JESD22-A103
Temp:100
1000 hrs.
22Pcs.
0/1
Low Temperature Storage
JESD22-A119
Temp:-40
1000 hrs.
22Pcs.
0/1
Life Test
JESD22-A108
Ta=25
IF=20mA
1000 hrs.
22Pcs.
0/1
深圳市瑞丰光电子股份有限公司
SHENZHEN REFOND OPTOELECTRONICS CO.LTO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com