Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-RUB170TS-BD Datasheet(PDF) 15 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RF-RUB170TS-BD
Description  The Colour LED which was fabricated using a red chipPackage Dimension
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RF-RUB170TS-BD Datasheet(HTML) 15 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button RF-RUB170TS-BD Datasheet HTML 11Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RUB170TS-BD Datasheet HTML 12Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RUB170TS-BD Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RUB170TS-BD Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RUB170TS-BD Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RUB170TS-BD Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RUB170TS-BD Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RUB170TS-BD Datasheet HTML 18Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-RUB170TS-BD Datasheet HTML 19Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:15
REFOND:WI-E-045
A/3
REV:E/2
TG-201702280167EP
3. SMT Reflow Soldering Instructions SMT
回流焊说明
3.1 SMT Reflow Soldering Instructions SMT
Fig.3-1 SMT Reflow Soldering Instructions
SMT
Table 3-1 Parameter
Average temperature rise speed
Tsmax
TP
3 °C/
Max 3 °C/ s
Preheating: minimum temperature
(Tsmin)
150 °C
Preheating: Max temperature
(Tsmax)
200 °C
Preheating: Time
Tsmin
Tsmax
60 - 120
60s-120s
Time limited to maintain high temperature: the temperature
(TL)
217 °C
Time limited to maintain high temperature: The Time
(tL)
60
Max 60s
Peak /Classification of temperature:
/
(TP)
260 °C
Time limit classification of peak temperature time
tp
10
Max 10s
Hold time within 5 C with the actual peak temperature (TP)
(TP)
5 °C
30
Max 30s
Cooling speed
6 °C/
Max 6 °C/ s
Needed time from 25 °C to Tp
25 °C
8
Max 8 minutes
tp
t
ts
L
Preheat
TS min
TS max
TP
TL
25
Ramp-up
Critical Zone
T
to T
L
P
Ramp-down
t 25℃ to Peak
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com