Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-TVYSC33KCN Datasheet(PDF) 2 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Part # RF-TVYSC33KCN
Description  The White LED which was fabricated using a blue chip and the phosphor, outline size
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
Direct Link  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RF-TVYSC33KCN Datasheet(HTML) 2 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

  RF-TVYSC33KCN Datasheet HTML 1Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYSC33KCN Datasheet HTML 2Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYSC33KCN Datasheet HTML 3Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYSC33KCN Datasheet HTML 4Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYSC33KCN Datasheet HTML 5Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYSC33KCN Datasheet HTML 6Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYSC33KCN Datasheet HTML 7Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYSC33KCN Datasheet HTML 8Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-TVYSC33KCN Datasheet HTML 9Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
REFONDLT: WI-E-045
A/3
REV: E/6
Tel: +86-755-27865464
Fax:+86-755-27809120
E-mail: lingtao@refondlt.com
Web: www.refondlt.com
PAGE: 2
TG-201706270501NP
Contents/
1.
Description
..................................................................................................................................................... 3
1.1 Description
....................................................................................................................................................... 3
1.1.1 Features
............................................................................................................................................... 3
1.1.2 Applications
.......................................................................................................................................... 3
1.2 Package Dimension
............................................................................................................................... 4
1.3 Product Parameters
.............................................................................................................................. 5
1.4 Bin Range Of Forward Voltage and Luminous Flux (IF=800mA)
(IF=800mA)........ 6
1.5 Typical optical characteristics curves
.................................................................................. 9
2.
Packaging
..................................................................................................................................................... 13
Packaging Specifications
................................................................................................................... 13
2.1.1 Carrier Tape Dimensions
......................................................................................................... 13
2.1.2 Reel Dimension
......................................................................................................................... 13
2.1.3 Label Form Specification
......................................................................................................... 14
2.1.4 Moisture Resistant Packing Process
.............................................................................. 14
2.1.5 Cardboard Box
.................................................................................................................................. 14
2.1.6 Reliability Test Items And Conditions
............................................................. 15
2.1.7 Criteria For Judging Damage
.......................................................................................... 16
3.
SMT Reflow Soldering Instructions
SMT
............................................................................................ 17
3.1.1 Soldering Iron
.......................................................................................................................... 18
3.1.2 Repairing
............................................................................................................................................ 18
3.1.3 Cautions
..................................................................................................................................... 18
4.
Handling Precautions
......................................................................................................................... 19
Version History/
................................................................................................................................................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com