Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPF Datasheet(PDF) 2 Page - Bellnix Co.,Ltd.

Part # BPF
Description  Compact and high efficiency power factor correction unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BPF Datasheet(HTML) 2 Page - Bellnix Co.,Ltd.

  BPF Datasheet HTML 1Page - Bellnix Co.,Ltd. BPF Datasheet HTML 2Page - Bellnix Co.,Ltd. BPF Datasheet HTML 3Page - Bellnix Co.,Ltd. BPF Datasheet HTML 4Page - Bellnix Co.,Ltd. BPF Datasheet HTML 5Page - Bellnix Co.,Ltd. BPF Datasheet HTML 6Page - Bellnix Co.,Ltd. BPF Datasheet HTML 7Page - Bellnix Co.,Ltd. BPF Datasheet HTML 8Page - Bellnix Co.,Ltd. BPF Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Compact and high efficiency power factor correction unit
BPF Series
2
Bellnix
DC-DC Converter
BDD20160127
1. Scope
This specification applies to the BPF series AC output power factor correction module.
2. Models and ratings
Model
Rated input voltage
Rated output
BPF-360S0R7
AC 100 / 200V
360V, 0.7A (250W)
Unless otherwise mentioned in the specifications, rated input, rated output and ambient temperature
25°C±5°C are used.
3. Environmental conditions
3-1 Temperature range
Operating temperature
-20°C ~ +70°C (temperature above 50°C requires derating)
Storage temperature
-30°C ~ +90°C
3-2 Humidity range
Operating humidity
20 ~ 95% R.H. (max. wet bulb temperature 35°C without condensation)
Storage humidity
20 ~ 95% R.H. (max. wet bulb temperature 35°C without condensation)
3-3 Air cooling conditions
Natural air cooling
Temperature derating exists. See chapter 5. Temperature derating.
3-4 Vibration and shock testing
Vibration: 5 ~ 10Hz
total amplitude 10mm, 10 to 55Hz acceleration 2G (1 hour in each of 3 directions)
Shock:
acceleration
20G (3 times in each of 3 directions)
shock time
11±5ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com