Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS8535-4PC Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90LS8535-4PC
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PC Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90LS8535-4PC Datasheet HTML 35Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 36Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 37Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 38Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 39Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 40Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 41Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 42Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
39
AT90S/LS8535
1041H–11/01
TEMP, interrupts must be disabled during access from the main program (and from
interrupt routines if interrupts are allowed from within interrupt routines).
•
TCNT1 Timer/Counter1 Write:
When the CPU writes to the high byte TCNT1H, the written data is placed in the
TEMP register. Next, when the CPU writes the low byte TCNT1L, this byte of data is
combined with the byte data in the TEMP register, and all 16 bits are written to the
TCNT1 Timer/Counter1 register simultaneously. Consequently, the high byte
TCNT1H must be accessed first for a full 16-bit register write operation.
•
TCNT1 Timer/Counter1 Read:
When the CPU reads the low byte TCNT1L, the data of the low byte TCNT1L is sent
to the CPU and the data of the high byte TCNT1H is placed in the TEMP register.
When the CPU reads the data in the high byte TCNT1H, the CPU receives the data
in the TEMP register. Consequently, the low byte TCNT1L must be accessed first for
a full 16-bit register read operation.
The Timer/Counter1 is realized as an up or up/down (in PWM mode) counter with read
and write access. If Timer/Counter1 is written to and a clock source is selected, the
Timer/Counter1 continues counting in the timer clock cycle after it is preset with the writ-
ten value.
Timer/Counter1 Output
Compare Register – OCR1AH
AND OCR1AL
Timer/Counter1 Output
Compare Register – OCR1BH
AND OCR1BL
The output compare registers are 16-bit read/write registers.
The Timer/Counter1 Output Compare registers contain the data to be continuously com-
pared with Timer/Counter1. Actions on compare matches are specified in the
Timer/Counter1 Control and Status registers. A compare match only occurs if
Timer/Counter1 counts to the OCR value. A software write that sets TCNT1 and OCR1A
or OCR1B to the same value does not generate a compare match.
A compare match will set the compare interrupt flag in the CPU clock cycle following the
compare event.
Since the Output Compare Registers (OCR1A and OCR1B) are 16-bit registers, a tem-
porary register (TEMP) is used when OCR1A/B are written to ensure that both bytes are
updated simultaneously. When the CPU writes the high byte, OCR1AH or OCR1BH, the
data is temporarily stored in the TEMP register. When the CPU writes the low byte,
Bit
151413
12
1110
9
8
$2B ($4B)
MSB
OCR1AH
$2A ($4A)
LSB
OCR1AL
765
4321
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
000
0000
0
Bit
151413
12
1110
9
8
$29 ($49)
MSB
OCR1BH
$28 ($48)
LSB
OCR1BL
765
4321
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com