Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC2328A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC2328A
Description  Audio power amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2328A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC2328A Datasheet HTML 1Page - First Silicon Co., Ltd FTC2328A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Complementary to FTA928A
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector Power Dissipation
1
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 1mA , IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
µA
DC current gain
hFE
VCE= 2 V, IC= 500 mA
100
320
Collector-emitter saturation voltage
VCE (sat)
IC= 1.5A, IB= 30 mA
2.0
V
Base-emitter voltage
VBE
VCE=2V, IC= 500mA
1.0
V
Transition frequency
fT
VCE= 2 V, IC= 500mA
120
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0,f=1MHZ
13
pF
CLASSIFICATION OF hFE
Y
O
k
n
a
R
Range
0
2
3
-
0
6
1
0
0
2
-
0
0
1
SEMICONDUCTOR
TECHNICAL DATA
FTC2328A
Audio power amplifier
2010. 6. 08
1/2
Revision No : 0
1. EMITTER
2. COLLECTOR
3. BASE
TO-92L
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
8.2 MAX
5.1 MAX
1.58 MAX
0.7 TYP
1.27 TYP
2.54 TYP
14.20 MAX
D
G
F
E
E
0.55 MAX
B
0.45 MAX
4.10 MAX
L
C
1
2
3


Similar Part No. - FTC2328A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC2314 FS-FTC2314 Datasheet
351Kb / 3P
TRANSISTOR (NPN)
FTC2316 FS-FTC2316 Datasheet
73Kb / 2P
TRANSISTOR (NPN)
FTC2330 FS-FTC2330 Datasheet
108Kb / 2P
TRANSISTOR (NPN)
FTC2383 FS-FTC2383 Datasheet
240Kb / 3P
TRANSISTOR (NPN)
FTC2389S FS-FTC2389S Datasheet
92Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - FTC2328A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
AUDIO POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
Audio Power Amplifier
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
Audio power amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com