Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC2411K-R Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTC2411K-R
Description  Medium Power Transistor NPN silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC2411K-R Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTC2411K-R Datasheet HTML 1Page - First Silicon Co., Ltd FTC2411K-R Datasheet HTML 2Page - First Silicon Co., Ltd FTC2411K-R Datasheet HTML 3Page - First Silicon Co., Ltd FTC2411K-R Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical characteristic curves (TA = 25 °C)
500 1000
0
0
2
1
0
10
0
0
1
0
5
2
0
0
2
5
0
1 2
5
20
10
50
100
200
500
1000
COLLECTOR CURRENT : I
C (mA)
Ta = 100
O C
75
O C
50
O C
25
O C
0
O C
25
O C
50
O C
VCE
= 3V
Fig.5 DC current gain vs. collector current
Fig.6 Gain bandwidth product vs. emitter current
EMITTER CURRENT : I
E(mA)
Ta = 25
OC
VCE = 5V
0.5
1
2
5
10
20
50
50
100
200
500
0.5
1
2
5
1 0
2 0
5 0
5
2
10
20
50
Cib
Cob
Ta = 25
OC
f= 1MHz
IE =0A
IC = 0A
COLLECTOR TO BASE VOLTAGE : V
CE (V)
EMITTER TO BASE VOLTAGE: V
EB (V)
Fig.7 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
2008. 4. 23
3/4
FTC2411K
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com