Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHV Datasheet(PDF) 2 Page - Bellnix Co.,Ltd.

Part # SHV
Description  Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLNIX [Bellnix Co.,Ltd.]
Direct Link  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

SHV Datasheet(HTML) 2 Page - Bellnix Co.,Ltd.

  SHV Datasheet HTML 1Page - Bellnix Co.,Ltd. SHV Datasheet HTML 2Page - Bellnix Co.,Ltd. SHV Datasheet HTML 3Page - Bellnix Co.,Ltd. SHV Datasheet HTML 4Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■
Model/Dimensions/Input-output configuration (S-11 case)
Note1 : Lead length
Input (1 to 5) : 250mm
Output (6 to 7) : 500mm
Note2 : 5 sided metallic case
Note3 : -Vin and Vout Com, and the case are internally connected.
Weight : 98g typ.
Units : mm
Tolerance unless otherwise specified ±0.5
■
Controlling the output voltage using an adjustable resistor
■
Controlling the output voltage using an external voltage
2
Bellnix High Voltage DC-DC Converters
BHV20080822
4.5
4
DC HIGH VOLTAGE POWER SUPPLY
MODEL:
SHV12-1.5K1300P
INPUT: +10.8~+16.5V
OUTPUT: 0~+1500V 1300μA
+Vout (RED) 7
Vout Com (BLK) 6
Made In Japan
131±1.0
123±1.0
114±1.0
4
4.5
5 ON/OFF (BLU)
4 Vref (ORG)
3 Vcont (YEL)
2 -Vin (BLK)
1 +Vin (RED)
Bellnixr
No.
3
2
1
4
5
6
7
+Vin
-Vin
Vcont
Vref
ON/OFF
Vout Com
Vout (+or-)
Lead line type
UL1430#22 (RED)
UL1430#22 (BLACK)
UL1430#22 (YELLOW)
UL1430#22 (ORANGE)
UL1430#22 (BLUE)
UL1430#22 (BLACK)
UL3239#22 (RED)
Name/
Function
100%
80%
60%
40%
20%
0%
Output voltage - VR resistance value
VR resistance value
R1 5KΩ
R2 0KΩ
0KΩ
5KΩ
characteristics
Output voltage-Output control voltage
0V
100%
80%
60%
40%
20%
0%
4V
3V
2V
1V
Output control voltage
characteristics
4.5
Installation hole dimension
12V
SW1
Load
6
3
+
C1
C2
5
+
C1=47μF
C2=4700pF
Output voltage control
(
Impress 0V to 4V)
4
ORG
(
OPEN)
1
2
7
+Vin
-Vin
Vout (+ or -)
Vout (Com)
Vref
Vcont
ON/OFF
SW1
Open=ON
Short=OFF
RED
RED
BLK
BLK
BLU
YEL
0 to 2000V
0 to 1500V
0 to 1000V
0 to 500V
SHV
12V
SW1
Load
6
3
+
C1
C2
5
C1=47μF
C2=4700pF
R1 R2
VR (5KΩ)
4
ORG
1
2
7
+Vin
-Vin
Vout (+ or -)
Vout (Com)
Vref
Vcont
ON/OFF
SW1
Open=ON
Short=OFF
RED
RED
BLK
BLK
BLU
YEL
0 to 2000V
0 to 1500V
0 to 1000V
0 to 500V
SHV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com