Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPCIEX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KPCIEX
Description  Straddle Mount PCI Express Card Edge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KPCIEX Datasheet(HTML) 1 Page - Kycon, Inc.

  KPCIEX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0815
Series
KPCIEX
- Straddle Mount PCI Express Card Edge
Mounting Option
SM1 - Straddle Mount No Peg Option
SM2 - Straddle Mount With Peg Option
SM3 - Straddle Mount With Ear Clips Option
Number of Pins
36 - Pins
64 - Pins
98 - Pins
164 - Pins
Color*
BK - Black Standard
Plating Material*
Blank - Gold Flash Standard
30 - 30µ" Gold
Generated Part Number
Part Number Builder
Series
Mounting
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Color
Option
PCI EXPRESS CARD EDGE:
KPCIEX Series
Straddle Mount PCI Express
Card Edge
Product Features
Supports 2.5 Gb/s Data Transfer Rate
(Per Pair Data Bandwidth)
Standard 36, 64, 98,164 Pin
Standard 1.0mm Pitch
Performance Specifications
Materials and Finish
Housing
High Temperature Thermoplastic
Contacts
Phosphor Bronze
Contact Plating
Standard: Gold Flash over 50 Nickel on Contact Area,
100µ" Min. Tin over 50µ" Nickel on Termination End
30: 30µ" Gold over 50µ" Nickel on Contact Area 100µ" Min.
Tin over 50µ" Nickel on Termination End
Electrical Characteristics
Rated Voltage
50V AC (RMS) / DC
Rated Current
1.1A
Contact Resistance
30 milliohms Max.
Insulation Resistance
1000 Megohms Min.
Dielectric Strength
500V AC RMS for 1 Minute
Mechanical Characteristics
Insertion Force
1.15N Max. Per Contact Pair
Extraction Force
0.15N Min. Per Contact Pair
Dimensions in mm
KPCIEX Series
Number
Option
Contact Kycon for Other Options
Plating
Option
KPCIEX-SM1
KPCIEX
SM1
36
BK
KPCIEX-SM1-36BK


Similar Part No. - KPCIEX

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
KPCI-488LPA TEKTRONIX-KPCI-488LPA Datasheet
1,012Kb / 13P
Series 2280S Precision Measurement, Low Noise, Programmable DC Power Supplies
KPCI-488LPA TEKTRONIX-KPCI-488LPA Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
KPCI-488LPA TEKTRONIX-KPCI-488LPA Datasheet
272Kb / 3P
Dual-Channel Picoammeter
KPCI-488LPA TEKTRONIX-KPCI-488LPA Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
KPCI-488LPA TEKTRONIX-KPCI-488LPA Datasheet
293Kb / 4P
Sub-femtoamp Remote SourceMeter짰 SMU Instrument
More results

Similar Description - KPCIEX

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
PCI Express
logo
SUYIN USA, INC.
100040FS036S401ZA SUYIN-USA-100040FS036S401ZA Datasheet
107Kb / 1P
PCI-EXPRESS 36 CKTS EDGE CARD CONNECTOR
logo
FCI connector
10025026-10003TLF FCI-CONNECTOR-10025026-10003TLF Datasheet
603Kb / 7P
PCI EXPRESS STRADDLE MOUNT CARD EDGE ASSY
10061913-101CLF FCI-CONNECTOR-10061913-101CLF Datasheet
632Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10061913 FCI-CONNECTOR-10061913 Datasheet
632Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
10018783-10202TLF FCI-CONNECTOR-10018783-10202TLF Datasheet
444Kb / 7P
PCI EXPRESS CARD EDGE ASSY
10034908-002LF FCI-CONNECTOR-10034908-002LF Datasheet
198Kb / 2P
STRADDLE MOUNT TYPE POWER EDGE CARD
10061913-102CLF FCI-CONNECTOR-10061913-102CLF Datasheet
638Kb / 6P
PCI EXPRESS CARD EDGE ASSEMBLY(SMT)
logo
Pulse A Technitrol Comp...
E9001 PULSE-E9001 Datasheet
192Kb / 3P
PCI EXPRESS 1.0MM CARD EDGE ASSY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com