Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC3834 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC3834
Description  SILICON NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3834 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC3834 Datasheet HTML 1Page - First Silicon Co., Ltd FTC3834 Datasheet HTML 2Page - First Silicon Co., Ltd FTC3834 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FTC3834
2014. 12. 19
2/3
Revision No : 0
Typical Characteristics
7
6
5
4
3
2
1
0
0
1
2
3
4
Collector-Emitter Voltage,VCE (V)
IC-VCE Characteristics (Typical)
200mA
150mA
100mA
60mA
40mA
20mA
IB=10mA
2
1
0.005
IC=1A
3A
5A
VCE(SAT)-IB Characteristics (Typical)
Base Current,IB (A)
0.01
0.05 0.1
0.5
1
0
250mA
300mA
VCE=12V
0
10
20
30
-0.01
-0.05 -0.1
-0.5 -1
-5
Emitter Current,IE (A)
fT-IE Characteristics (Typical)
100ms
10ms
Without
Healstink
Natural
Cooling
5
10
0.05
0.1
0.5
1
5
10
20
Safe Operating Area (Single Pulse)
Collect-Emitter Voltage,VCE (V)
50
120 200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com