Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

123712M Datasheet(PDF) 1 Page - Adels-Contact

Part # 123712M
Description  500 K/12 35 MDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

123712M Datasheet(HTML) 1 Page - Adels-Contact

  123712M Datasheet HTML 1Page - Adels-Contact 123712M Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03/02/2020
Screw Connectors
500 K/12 35 MDS
Terminal Block, 12 pole, Insulating Material: PA 6, Cross-
Section: 2.5 mm², Pin Spacing: 10.0 mm, Centre Stop (MDS): yes,
Fixing: Screw, Voltage Rating: 450 V, Current Rating: 24 A
Order Info
Reference Number (ref. no.)
123712M
Applications
Lighting, Installation, Electrical Appliances
PU
40
Type
Type
Terminal Block
Number of poles
12 pole
Clamping Units per Pole
1
Colour
natural
Cross-Section
2.5 mm²
Connection Type
Screw
Centre Stop (MDS)
yes
Technical Data
Voltage Rating
450 V
Current Rating
24 A
Insulating Material
PA 6
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
2.5 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
85 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
7.0-7.5 mm
Assembly Contact Screw
0.8x4.0 / 0.5 Nm
Pin Spacing
10.0 mm
Fixing
Screw
Approbation EN60998
500_EN60998_20070808_20160412_VDE_ENEC_40021791_web.pdf
Approbation UL
500_1000_19770222_20071007_UL_E63492_1-01_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 123712M

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
123712 ADELS-123712 Datasheet
123Kb / 2P
500 K/12 35 DS
logo
Weidmuller
1237120000 WEIDMULLER-1237120000 Datasheet
543Kb / 7P
SCZ 3.81/04/180FZE SN OR BX
More results

Similar Description - 123712M

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
1237G12M ADELS-1237G12M Datasheet
122Kb / 2P
500 K/12 35 MDS GW
123312M ADELS-123312M Datasheet
123Kb / 2P
500/12 35 MDS
123701M ADELS-123701M Datasheet
117Kb / 2P
500 K/ 1 35 MDS
123702M ADELS-123702M Datasheet
117Kb / 2P
500 K/ 2 35 MDS
123703M ADELS-123703M Datasheet
118Kb / 2P
500 K/ 3 35 MDS
123704M ADELS-123704M Datasheet
118Kb / 2P
500 K/ 4 35 MDS
123708M ADELS-123708M Datasheet
121Kb / 2P
500 K/ 8 35 MDS
123709M ADELS-123709M Datasheet
121Kb / 2P
500 K/ 9 35 MDS
123711M ADELS-123711M Datasheet
122Kb / 2P
500 K/11 35 MDS
123772M ADELS-123772M Datasheet
158Kb / 2P
500 K/12 35 MDS HT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com