Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # GDX
Description  MODULAR JACKS AND PLUGS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

GDX Datasheet(HTML) 1 Page - Kycon, Inc.

  GDX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
MODULAR JACKS AND PLUGS: GDX Series
Right Angle Modular Jack
Product Features
0.595" Height
Snap-In Board Retention Tabs
Panel Stops Available
Available in 4, 6 and 8 Position Housings
CSA/NRTL Certified File No. LR78160
UL File No. E134345
Performance Specifications
Materials and Finish
Housing Material
PBT Thermoplastic, UL 94V-0 Rated, Black Color
Contact Material
Phosphor Bronze
Electrical Characteristics
Insulation Resistance
500 Megohms Min.
Dielectric Withstanding Voltage
1000V AC for 1 Minute
Contact Resistance
20 milliohms Max.
Current Rating
1.5A
Voltage Rating
125V DC
Operating Temperature
-40°C to +85°C
Series
GDX - Right Angle Modular Jack
Panel Stop
A - With Panel Stops
N - Without Panel Stops
Number of Positions / Contacts
44 - 4 Positions / 4 Contacts (only with Panel Stop)
64 - 6 Positions / 4 Contacts
66 - 6 Positions / 6 Contacts
88 - 8 Positions / 8 Contacts
Keyed Option
Blank - Not Keyed
K - Keyed (Only for 8P8C)
Plating Option
Blank - Gold Flash
50 - 50
µ" Gold Plating
Contact Kycon for High Temperature and Other Options.
GDX Series
Dimensions in mm
11.18±0.25
13.72±0.25
7.62
1.27
20.6
1.27
pin 1
pin 4
8.89
3.7
GDX-A-44
Generated Part Number
Part Number Builder
Series
Panel
Stop
Positions
& Contacts
Keyed
Option
Plating
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
GDX-A-44
GDX
A
44


Similar Part No. - GDX

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GDX GOLLEDGE-GDX Datasheet
60Kb / 1P
Crystals for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1 Datasheet
60Kb / 1P
Crystals for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1 Datasheet
530Kb / 4P
Watch Crystal for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1_16 Datasheet
109Kb / 1P
Crystals for Dallas Semiconductors
GDX-2 GOLLEDGE-GDX-2 Datasheet
60Kb / 1P
Crystals for Dallas Semiconductors
More results

Similar Description - GDX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
MODULAR JACKS AND PLUGS
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Kycon, Inc.
GAX KYCON-GAX Datasheet
855Kb / 1P
MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
MODULAR JACKS AND PLUGS
GDTX KYCON-GDTX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX KYCON-GLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com