Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # GLX
Description  MODULAR JACKS AND PLUGS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

GLX Datasheet(HTML) 1 Page - Kycon, Inc.

  GLX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0216
MODULAR JACKS AND PLUGS: GLX Series
Right Angle Modular Jack
Product Features
0.570" Height
Snap-In Board Retention Tabs
Available in 4, 6, 8 and 10 Position Housings
CSA/NRTL Certified File No. LR78160
UL File No. E134345
Performance Specifications
Materials and Finish
Housing Material
PBT Thermoplastic, UL 94V-0 Rated
Contact Material
Phosphor Bronze
Electrical Characteristics
Insulation Resistance
500 Megohms Min.
Dielectric Withstanding Voltage
1000V RMS, 60Hz
Contact Resistance
20 milliohms Max.
Current Rating
1.5A
Voltage Rating
125V DC
GLX Series
Dimensions in mm
GLX-A-44xx
Series
GLX - Right Angle Modular Jack
Shield Options
A - Non-Shielded with Panel Stops
N - Non-Shielded without Panel Stops
Number of Positions / Contacts
44 - 4 Positions / 4 Contacts
64 - 6 Positions / 4 Contacts
66 - 6 Positions / 6 Contacts
Other Option
Plating Option
Blank - Gold Flash
50 - 50
µ" Gold Plating
Color Option
Blank - Gray
BLK - Black
Contact Kycon for High Temperature and Other Options
Generated Part Number
Part Number Builder
Series
Shield
Option
Positions
& Contacts
Other
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
GLX-A-44
GLX
A
44


Similar Part No. - GLX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GLX-2 COOPER-GLX-2 Datasheet
130Kb / 2P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
GLX-3 COOPER-GLX-3 Datasheet
130Kb / 2P
PC Board Fuses - Sub Miniature with Leads GFA, GLN and GLX Series
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX-N-1010M KYCON-GLX-N-1010M Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX-N-1010M-50 KYCON-GLX-N-1010M-50 Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
More results

Similar Description - GLX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
MODULAR JACKS AND PLUGS
6030 ETC2-6030 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
Kycon, Inc.
GAX KYCON-GAX Datasheet
855Kb / 1P
MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
MODULAR JACKS AND PLUGS
GDLX KYCON-GDLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDLX-SMT KYCON-GDLX-SMT Datasheet
1,005Kb / 1P
MODULAR JACKS AND PLUGS
GDTX KYCON-GDTX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
MODULAR JACKS AND PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com