Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G37D37 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AFSC5G37D37
Description  Addendum contactless chip card module specification
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AFSC5G37D37 Datasheet(HTML) 2 Page - NXP Semiconductors

  AFSC5G37D37 Datasheet HTML 1Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 2Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 3Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 4Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 5Page - NXP Semiconductors AFSC5G37D37 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
168230
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 3.0 — 15 January 2009
2 of 6
NXP Semiconductors
SL2MOS5401
Addendum contactless chip card module specification
4. Limiting values
[1]
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any conditions other
than those described in the Operating Conditions and Electrical Characteristics section of this specification
is not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the
damaging effects of excessive static charge. Nonetheless, it is suggested that conventional precautions be
taken to avoid applying greater than the rated maxima.
[3]
MIL-STD-883D, Method 3015.7, Human Body Model.
[4]
The voltage between LA and LB is limited by the on-chip voltage limitation circuitry (corresponding to
parameter ILA-LB).
Table 2.
Limiting values [1][2]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Processing temperature: refer to “Contactless chip card module specification”
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
−25
+85
°C
VESD
electrostatic discharge voltage
[3]
-
±2kVpeak
Imax LA-LB maximum input peak current
−60
+60
mApeak
Tjop
operating junction temperature
−25
+85
°C
ILA-LB
input current
[4]
-30
mArms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com