Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM67X-CS-R Datasheet(PDF) 1 Page - Kycon, Inc.

Part # GM67X-CS-R
Description  Cable Side, IP67 Cable Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

GM67X-CS-R Datasheet(HTML) 1 Page - Kycon, Inc.

  GM67X-CS-R Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0915
IP67 Connectors: GM67X-CS Series
Cable Side, IP67 Cable Mount
(Must Be Used with GM67X Series Box Side Part)
Product Features
IP67
Cable Mount
Cable O.D. Options Available
Performance Specifications
Materials and Finish
Housing Material
Polycarbonate, UL 94V-0 Rated, Black Color
Seal
Silicone, UL 94HB Rated, Red or Blue Color
Nut Material
Polycarbonate, UL 94V-0 Rated, Black Color
Gasket Material
Silicone, UL 94HB Rated, Red Color
Note:
*Must be used with GM67X box side part
*To be used when assembling Cat 5 cable
*Kycon can offer custom cable assemblies (mins will apply)
Series
GM67X-CS - Cable Mount IP67 Cable Side Component
Cable Seal
R - Seal for Cable Outer Diameter of 5.5 mm - 7 mm
B - Seal for Cable Outer Diameter of 7 mm - 9.5 mm
Contact Kycon for Other Options
-R: Recommended Cable O.D.: 5.5 mm to 7 mm
-B: Recommended Cable O.D.: 7 mm to 9.5 mm
Nut
Seal
Housing
Gasket
GM67X-CS Series
Dimensions in mm
Generated Part Number
Part Number Builder
Series
Shield
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
GM67X-CS-R
GM67X-CS-R
GM67X-CS
R
Click here for our assembly videos


Similar Part No. - GM67X-CS-R

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
GM67X-CBL KYCON-GM67X-CBL Datasheet
408Kb / 1P
Box Side, IP67 Panel Mount Jack with Cable and Plug
GM67X-CBL-152-P KYCON-GM67X-CBL-152-P Datasheet
408Kb / 1P
Box Side, IP67 Panel Mount Jack with Cable and Plug
GM67X-CBL-152-P-50 KYCON-GM67X-CBL-152-P-50 Datasheet
408Kb / 1P
Box Side, IP67 Panel Mount Jack with Cable and Plug
GM67X-CBL-304-P KYCON-GM67X-CBL-304-P Datasheet
408Kb / 1P
Box Side, IP67 Panel Mount Jack with Cable and Plug
GM67X-CBL-304-P-50 KYCON-GM67X-CBL-304-P-50 Datasheet
408Kb / 1P
Box Side, IP67 Panel Mount Jack with Cable and Plug
More results

Similar Description - GM67X-CS-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-JT40C JAE-FI-JT40C Datasheet
100Kb / 1P
CABLE SIDE
FI-JH30C-B JAE-FI-JH30C-B Datasheet
148Kb / 1P
CABLE SIDE
logo
PHOENIX CONTACT
1412118 PHOENIX-1412118 Datasheet
107Kb / 4P
Network cable - VS-IP67-IP67-94B-LI/5,0
logo
PowerDynamics, Inc
PD-SF1210-PXX POWERDYNAMICS-PD-SF1210-PXX Datasheet
282Kb / 1P
METAL IP67 WATERPROOF MALE CABLE CONNECTOR
PD-SF1210-SXX POWERDYNAMICS-PD-SF1210-SXX Datasheet
283Kb / 1P
METAL IP67 WATERPROOF FEMALE CABLE CONNECTOR
PD-ST1210-P2 POWERDYNAMICS-PD-ST1210-P2 Datasheet
200Kb / 1P
METAL IP67 WATERPROOF MALE CABLE
PD-ST1210-S2 POWERDYNAMICS-PD-ST1210-S2 Datasheet
199Kb / 1P
METAL IP67 WATERPROOF FEMALE CABLE
logo
Tripp Lite. All Rights ...
N206-WK01-IND TRIPPLITE-N206-WK01-IND Datasheet
164Kb / 2P
Cable Assembly Kit - Water Resistant, IP67, Outdoor Cable, TAA
logo
Kycon, Inc.
GM67X-CBL KYCON-GM67X-CBL Datasheet
408Kb / 1P
Box Side, IP67 Panel Mount Jack with Cable and Plug
logo
PHOENIX CONTACT
1413146 PHOENIX-1413146 Datasheet
359Kb / 9P
VS-IP67-IP67-94C-LI/10,0 - Network cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com