Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K22XHT Datasheet(PDF) 1 Page - Kycon, Inc.

Part # K22XHT
Description  D-SUBMINIATURE CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

K22XHT Datasheet(HTML) 1 Page - Kycon, Inc.

  K22XHT Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0318
Series
K22XHT
-
High Temperature Right Angle PCB Mount 0.318” Footprint
Shell Size-Contact Option
E - 9 Contacts
A - 15 Contacts
B - 25 Contacts
C - 37 Contacts
Contact Type
P -
Pin Contact (Plug)
S -
Socket Contact (Receptacle)
PC Board Mounting Option
N- With Boardlocks and #4-40 UNC Threaded Inserts
NJ - With Boardlocks and # 4-40 Jackscrews Installed
Generated Part Number
Part Number Builder
Series
Shell Size
Contact
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
D-SUBMINIATURE CONNECTORS:
K22XHT
Series
High Temp. Right Angle PCB Mount 0.318" Footprint
K22XHT
Series Dimensions
Dimensions in mm
Contact
Type
Contact Kycon for Other Options
Mounting
Option
A = Exterior of Female Shell (S)
A1 = Interior of Male Shell (P)
9
(E)
15
(A)
25
(B)
37
(C)
A
±.010
±0.25
.643
16.33
.971
24.66
1.511
38.38
2.159
54.84
A1
±.010
±0.25
.666
16.92
.994
25.25
1.534
38.96
2.182
55.42
B
±.005
±0.13
.984
24.99
1.312
33.32
1.852
47.04
2.500
63.50
C
±.015
±0.38
1.213
30.81
1.541
39.14
2.088
53.04
2.729
69.32
Shell
Size
In
mm
8.36 Plug Interior,
7.90 Socket Exterior
6.1 Plug,
5.8 Socket
A, A1
B
C
LR78160
K22XHT-E9P-N
K22XHT
P
E9
N


Similar Part No. - K22XHT

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
K22X KYCON-K22X Datasheet
667Kb / 1P
D-SUBMINIATURE CONNECTORS
logo
List of Unclassifed Man...
K22X-A15P-N ETC2-K22X-A15P-N Datasheet
738Kb / 2P
Right Angle PCB Mount 0.318 Footprint
logo
Kycon, Inc.
K22X-A15P-N KYCON-K22X-A15P-N Datasheet
667Kb / 1P
D-SUBMINIATURE CONNECTORS
K22X-A15P-N-30 KYCON-K22X-A15P-N-30 Datasheet
667Kb / 1P
D-SUBMINIATURE CONNECTORS
logo
List of Unclassifed Man...
K22X-A15P-N15 ETC2-K22X-A15P-N15 Datasheet
738Kb / 2P
Right Angle PCB Mount 0.318 Footprint
More results

Similar Description - K22XHT

ManufacturerPart #DatasheetDescription
logo
ITT Industries
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
D Subminiature Connectors
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
D Subminiature Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
d-subminiature connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com