Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K66XHT Datasheet(PDF) 1 Page - Kycon, Inc.

Part # K66XHT
Description  High Temperature Right Angle PCB Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

K66XHT Datasheet(HTML) 1 Page - Kycon, Inc.

  K66XHT Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0318
Series
K66XHT
- Reflow Compatible Version
Shell Size-Contact Option
E - 15 Contacts
A - 26 Contacts
B - 44 Contacts
Contact Type
P - Pin Contact (Plug)
S - Socket Contact (Receptacle)
Mounting Option
N - With Boardlocks and #4-40 UNC Threaded Inserts
NJ - With Boardlocks and #4-40 Jackscrews Installed
Generated Part Number
Part Number Builder
Series
Shell Size
Contact
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
D-SUBMINIATURE CONNECTORS:
K66XHT
Series
High Temperature
Right Angle PCB Mount
K66XHT
Series Dimensions
Dimensions in mm
Contact
Type
Contact Kycon for VESA and Other Options
Mounting
Option
C = Exterior of Female Shell (S)
C1 = Interior of Male Shell (P)
15
(E)
26
(A)
44
(B)
62
(C)
A
1.213
30.81
1.541
39.14
2.088
53.04
2.729
69.32
.984
24.99
1.312
33.32
1.852
47.04
2.500
63.50
.643
16.33
.971
24.66
1.511
38.38
2.159
54.84
.666
16.92
.994
25.25
1.534
38.96
2.182
55.42
.090
2.29
.090
2.29
.090
2.29
.095
2.41
.010
0.25
.020
0.51
.020
0.51
.023
0.58
Shell
Size In
mm
± .015
± 0.38
B
± .005
± 0.13
C
± .010
± .0.25
C1
± .010
± 0.25
D
± .005
± 0.13
E
± .005
± 0.13
8.36 Plug Interior
7.90 Socket Exterior
A
B
C, C1
6.1 Plug
5.8 Socket
LR78160
K66XHT-E15P-N
K66XHT
P
E15
N


Similar Part No. - K66XHT

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
K66X KYCON-K66X Datasheet
2Mb / 1P
Right Angle PCB Mount
logo
List of Unclassifed Man...
K66X-A26P-N ETC2-K66X-A26P-N Datasheet
891Kb / 2P
D-SUBMINIATURE CONNECTORS
logo
Kycon, Inc.
K66X-A26P-N KYCON-K66X-A26P-N Datasheet
2Mb / 1P
Right Angle PCB Mount
logo
List of Unclassifed Man...
K66X-A26P-N30 ETC2-K66X-A26P-N30 Datasheet
891Kb / 2P
D-SUBMINIATURE CONNECTORS
logo
Kycon, Inc.
K66X-A26P-N30 KYCON-K66X-A26P-N30 Datasheet
2Mb / 1P
Right Angle PCB Mount
More results

Similar Description - K66XHT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
IEC-NN-4 ADAM-TECH-IEC-NN-4 Datasheet
61Kb / 1P
IEC RIGHT ANGLE PCB MOUNT
logo
LUMEX INC.
OED-STR851C100-TR LUMEX-OED-STR851C100-TR Datasheet
67Kb / 1P
PCB RIGHT ANGLE Surface Mount
SMF-H1352GD-TR LUMEX-SMF-H1352GD-TR Datasheet
116Kb / 2P
PCB RIGHT ANGLE Surface Mount
SMF-H1352SID-TR LUMEX-SMF-H1352SID-TR Datasheet
116Kb / 2P
PCB RIGHT ANGLE Surface Mount
SMF-H1352SUGD-TR LUMEX-SMF-H1352SUGD-TR Datasheet
115Kb / 2P
PCB RIGHT ANGLE Surface Mount
SMF-H1352SYD-TR LUMEX-SMF-H1352SYD-TR Datasheet
116Kb / 2P
PCB RIGHT ANGLE Surface Mount
SMF-H1352USBD-TR LUMEX-SMF-H1352USBD-TR Datasheet
117Kb / 2P
PCB RIGHT ANGLE Surface Mount
SMF-H1352YD-TR LUMEX-SMF-H1352YD-TR Datasheet
116Kb / 2P
PCB RIGHT ANGLE Surface Mount
logo
Kycon, Inc.
K61X KYCON-K61X Datasheet
722Kb / 1P
High Density Right Angle PCB Mount Compact Footprint
K66X KYCON-K66X Datasheet
2Mb / 1P
Right Angle PCB Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com