Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2194 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2194
Description  SRS Dialog Clarity Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2194 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2194 Datasheet HTML 2Page - New Japan Radio NJM2194 Datasheet HTML 3Page - New Japan Radio NJM2194 Datasheet HTML 4Page - New Japan Radio NJM2194 Datasheet HTML 5Page - New Japan Radio NJM2194 Datasheet HTML 6Page - New Japan Radio NJM2194 Datasheet HTML 7Page - New Japan Radio NJM2194 Datasheet HTML 8Page - New Japan Radio NJM2194 Datasheet HTML 9Page - New Japan Radio NJM2194 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2194
-7 -
s
s
s
sTYPICAL CHARACTERISTICS
0
2
4
6
8
10
02
4
6
8
10
12
14
Operating Current vs. Operating Voltage
V+=1 to 15V, Ta=25
oC
Operating Voltage [V]
DC
BYPASS
4
4.5
5
5.5
6
-50
0
50
100
150
Operating Current vs. Temperature
V+=12V
Ta [
oC]
DC
BYPASS
-10
-5
0
5
10
15
20
04
8
12
16
Maximum Input Voltage vs. Operating Voltage (BYPASS)
Vin=Lch, Vout=Lch, f=1KHz, RL=4.7k
Ω,
Rg=25
Ω, Ta=25oC
Operating Voltage [V]
-10
-5
0
5
10
15
20
048
12
16
Maximum Input Voltage vs. Operating Voltage (DC)
Vin=Lch, Vout=Lch, f=1kHz, RL=4.7k
Ω,
Rg=25
Ω, Ta=25oC
Operating Voltage [V]
11
11.5
12
12.5
13
-50
0
50
100
150
Maximum Input Voltage vs. Temperature (BYPASS)
V+=12V, Vin=Lch, Vout=Lch, f=1kHz, RL=4.7k
Ω,
Rg=25
Ω
Ta [
oC]
4
4.5
5
5.5
6
-50
0
50
100
150
Maximum Input Voltage vs. Temperature (DC)
V+=12V, Vin=Lch, Vout=Lch, f=1KHz, RL=4.7k
Ω,
Rg=25
Ω
Ta [
oC]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com