Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSBEX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSBEX
Description  Fully Shielded Right Angle USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBEX Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSBEX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBEX Series
Dimensions in mm
KUSBEX-ASFS1N
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 1116
UNIVERSAL SERIAL BUS: KUSBEX Series
Fully Shielded Right Angle USB
Product Features
Meets USB 2.0 Specifications
Compatible with Many Computer Peripherals
A and B Types Available
Supports Hot Plugging
Contact Area with Gold Plating
CSA/NRTL Certified File No. LR78160
UL File No. E134345
Performance Specifications
Materials and Finish
Insulator
PBT Thermoplastic, UL 94V-0 Rated, Black or White Color
Contacts
Phosphor Bronze
Contact Plating
Gold over Nickel on Contacts,
Tin over Nickel on Termination End
Shell
Brass, Nickel or Tin Plating, See Spec.
Electrical Characteristics
Rated Voltage
: 30V AC
Rated Current
: 1A
Contact Resistance: 20 milliohms Max
Insulation Resistance: 1000 Megohms Min.
Dielectric Withstanding Voltage: 750V AC For 1 Minute
Operating
Temperature: See Drawing
Series
KUSBEX - Fully Shielded Right Angle USB (NEW DESIGN)
Type
ASFS1N - A Type Fully Shielded Receptacle
BSFS1N - B Type Fully Shielded Receptacle
Insulator Color Option
B - Black
W - White
Generated Part Number
Part Number Builder
Series
Color
Option
Type
Contact Kycon for other options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
KUSBEX-ASFS1N-B
KUSBEX
ASFS1N
B


Similar Part No. - KUSBEX

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBEX-SMT KYCON-KUSBEX-SMT Datasheet
375Kb / 1P
Surface Mount Right Angle USB
KUSBEX-SMT-BS1N-B30TR KYCON-KUSBEX-SMT-BS1N-B30TR Datasheet
375Kb / 1P
Surface Mount Right Angle USB
KUSBEX-SMT-BS1N-BTR KYCON-KUSBEX-SMT-BS1N-BTR Datasheet
375Kb / 1P
Surface Mount Right Angle USB
KUSBEX-SMT-BS1N-W30TR KYCON-KUSBEX-SMT-BS1N-W30TR Datasheet
375Kb / 1P
Surface Mount Right Angle USB
KUSBEX-SMT-BS1N-WTR KYCON-KUSBEX-SMT-BS1N-WTR Datasheet
375Kb / 1P
Surface Mount Right Angle USB
More results

Similar Description - KUSBEX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855435003 MOLEX9-0855435003 Datasheet
119Kb / 3P
Modular Jack, Right Angle, Fully Shielded, Through Hole, 8 Circuits, Cat5 Spring
0855435002 MOLEX9-0855435002 Datasheet
114Kb / 3P
Modular Jack, Right Angle, Fully Shielded, True SMT, BLI 13, Cat5
0855435001 MOLEX9-0855435001 Datasheet
122Kb / 3P
Modular Jack, Right Angle, Fully Shielded, SMT, 8 Circuits
0956224883 MOLEX11-0956224883 Datasheet
109Kb / 3P
Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
0956223981 MOLEX11-0956223981 Datasheet
120Kb / 3P
Modular Jack,Right Angle,Throught Hole Version,LCP,Fully Shielded,8 ckt
0956224882 MOLEX11-0956224882 Datasheet
124Kb / 3P
Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
0956224884 MOLEX11-0956224884 Datasheet
105Kb / 3P
Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
0956224881 MOLEX11-0956224881 Datasheet
127Kb / 3P
Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
logo
CUI INC
MD-XXFC CUI-MD-XXFC Datasheet
159Kb / 4P
fully shielded
logo
Kycon, Inc.
KUSBX KYCON-KUSBX Datasheet
792Kb / 1P
Right Angle USB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com