Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSBVLPX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSBVLPX
Description  VERTICAL, A TYPE, LOW PROFILE USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBVLPX Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSBVLPX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBVLPX
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0918
UNIVERSAL SERIAL BUS: KUSBVLPX Series
VERTICAL, A TYPE, LOW PROFILE USB
Product Features
Vertical
Low Profile
10mm Height
Through hole
Performance Specifications
Materials and Finish
Insulator
UL94V-0 Rated, Thermoplastic, Color White or Black
Contact Material
Copper Alloy
Plating Options
Standard: Gold flash on contact area, Tin on Soldertails
all over 40
µ" nickel min.
30 Option: 30µ" Gold on contact area, Tin on Soldertails
all over 40
µ" nickel min.
Shield
Nickel Plating
Electrical Characteristics
Rated Voltage
: 30V AC
Contact Current Rating
: 3A Max.
Contact Resistance: 30 milliohms Max
Insulation Resistance: 1000 Megohms Min.
Dielectric Withstanding: 250V AC for 1 minute
Mechanical Characteristics
Insertion Force: 3.57kg max.
Extraction
Force: 1.02kg min.
Durability: 1500 Mating Cycles
Operating
Temperature: -55°C to +85°C
Contact Kycon for other options
Series
KUSBVLPX - Vertical Low Profile
Type
AS1N - Single A Type
Insulator Color Option
B - Black
W - White
Plating Option
Blank - Gold Flash
30 - 30µ" Gold Plating
Generated Part Number
Part Number Builder
Series
Type
Insulator
Color Option
Plating
Option
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
KUSBVLPX-AS1N-B
KUSBVLPX
AS1N
B


Similar Part No. - KUSBVLPX

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBVLPXHT KYCON-KUSBVLPXHT Datasheet
572Kb / 1P
Vertical, A Type, High Retention Force High Temperature USB
KUSBVLPXHT-AS1N-O30-HRF KYCON-KUSBVLPXHT-AS1N-O30-HRF Datasheet
572Kb / 1P
Vertical, A Type, High Retention Force High Temperature USB
More results

Similar Description - KUSBVLPX

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2545A-04GXT SUYIN-USA-2545A-04GXT Datasheet
81Kb / 1P
USB A TYPE
logo
List of Unclassifed Man...
KUSBVX-AS1N9-BL ETC2-KUSBVX-AS1N9-BL Datasheet
224Kb / 1P
VERTICAL USB 3.0B - TYPE A
logo
Tyco Electronics
1775690-2 MACOM-1775690-2 Datasheet
152Kb / 2P
USB A TYPE, W/LOCKING VERTICAL, DIP
logo
Wurth Elektronik GmbH &...
61400826021 WURTH-61400826021 Datasheet
622Kb / 1P
DUAL USB TYPE A VERTICAL
614004135023 WURTH-614004135023 Datasheet
852Kb / 3P
USB 2.0 TYPE A VERTICAL
614004185023 WURTH-614004185023 Datasheet
567Kb / 3P
USB TYPE A VERTICAL THT - SHORT TYPE
614008235023 WURTH-614008235023 Datasheet
726Kb / 3P
DUAL USB 2.0 TYPE A VERTICAL
6140041350231 WURTH-6140041350231 Datasheet
438Kb / 1P
USB 2.0 TYPE A VERTICAL
logo
Global Connector Techno...
USB3190 GCT-USB3190 Datasheet
173Kb / 3P
Micro USB Receptacle, Type B,Surface Mount, Vertical, Low Profile
31st July 2020
logo
Switchcraft, Inc.
PCUA30E SWITCH-PCUA30E Datasheet
220Kb / 1P
VERTICAL USB TYPE-A 3.0, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com