Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSBVLPXHT Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSBVLPXHT
Description  Vertical, A Type, High Retention Force High Temperature USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBVLPXHT Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSBVLPXHT Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBVLPXHT
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0919
UNIVERSAL SERIAL BUS: KUSBVLPXHT Series
Vertical, A Type, High Retention Force
High Temperature USB
Product Features
Low Profile Vertical
High Retention Force
Reflow Compatible
A Type Available
Supports Hot Plugging
Contact Area with Gold Plating
Performance Specifications
Materials and Finish
Insulator
High Temperature, Thermoplastic, UL94V-0 Rated,
Orange Color
Shell
Stainless Steel, Nickel Plated
Contact Material
Phosphor Bronze
Contact Plating
30µ" Gold Plated on Contact Area,
Tin Plated on Solder Tails, All over Nickel Underplate
Electrical Characteristics
Rated Current
1.5A
Rated Voltage
30V AC/DC
Insulation Resistance
1000 Megohms Min.
Contact Resistance
30 milliohms Max.
Dielectric Withstanding Voltage
500V AC For 1 Minute
Mechanical Characteristics
Durability
1500 Mating Cycles Min.
Operating Temperature
-40°C to +105°C
Generated Part Number
Part Number Builder
Series
Insulator
Color
Option
Type
Contact Kycon for Other Options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Series
KUSBVLPXHT -
Vertical, A Type, High Retention Force
High Temperature USB
Type
AS1N - A Type
Insulator Color Option
O - Orange
Plating Option
30 - 30µ" Gold Plating
Option
HRF - High Retention Force
Plating
Option
KUSBVLPXHT-AS1N-O30-HRF
KUSBVLPXHT
AS1N
O
30
HRF


Similar Part No. - KUSBVLPXHT

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBVLPX KYCON-KUSBVLPX Datasheet
594Kb / 1P
VERTICAL, A TYPE, LOW PROFILE USB
KUSBVLPX-AS1N-B KYCON-KUSBVLPX-AS1N-B Datasheet
594Kb / 1P
VERTICAL, A TYPE, LOW PROFILE USB
KUSBVLPX-AS1N-B30 KYCON-KUSBVLPX-AS1N-B30 Datasheet
594Kb / 1P
VERTICAL, A TYPE, LOW PROFILE USB
KUSBVLPX-AS1N-W KYCON-KUSBVLPX-AS1N-W Datasheet
594Kb / 1P
VERTICAL, A TYPE, LOW PROFILE USB
KUSBVLPX-AS1N-W30 KYCON-KUSBVLPX-AS1N-W30 Datasheet
594Kb / 1P
VERTICAL, A TYPE, LOW PROFILE USB
More results

Similar Description - KUSBVLPXHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KUSBVX-AS1N9-BL ETC2-KUSBVX-AS1N9-BL Datasheet
224Kb / 1P
VERTICAL USB 3.0B - TYPE A
logo
Wurth Elektronik GmbH &...
61400826021 WURTH-61400826021 Datasheet
622Kb / 1P
DUAL USB TYPE A VERTICAL
614004135023 WURTH-614004135023 Datasheet
852Kb / 3P
USB 2.0 TYPE A VERTICAL
614004185023 WURTH-614004185023 Datasheet
567Kb / 3P
USB TYPE A VERTICAL THT - SHORT TYPE
6140041350231 WURTH-6140041350231 Datasheet
438Kb / 1P
USB 2.0 TYPE A VERTICAL
logo
Molex Electronics Ltd.
0484080001 MOLEX1-0484080001 Datasheet
32Kb / 2P
Universal Serial Bus (USB 3.0) I/O Receptacle, Vertical, Type A, High-Temperature
0484080003 MOLEX1-0484080003 Datasheet
32Kb / 2P
Universal Serial Bus (USB 3.0) I/O Receptacle, Vertical, Type A, High-Temperature Blue Nylon
0484080004 MOLEX1-0484080004 Datasheet
32Kb / 2P
Universal Serial Bus (USB 3.0) I/O Receptacle, Vertical, Type A, High-Temperature Blue Nylon
logo
Kycon, Inc.
KUSBVLPX KYCON-KUSBVLPX Datasheet
594Kb / 1P
VERTICAL, A TYPE, LOW PROFILE USB
KUSBVXHT-HRF KYCON-KUSBVXHT-HRF Datasheet
3Mb / 1P
High Temperature Vertical USB Type B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com