Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSBVX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSBVX
Description  Vertical Top Entry USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBVX Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSBVX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBVX Series
Dimensions in mm
KUSBVX-AS1N
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0319
UNIVERSAL SERIAL BUS: KUSBVX Series
Vertical Top Entry USB
Product Features
Vertical Top Entry
Compatible with Many Computer Peripherals
A and B Types Available
Supports Hot Plugging
Meets USB 1.1 and 2.0 Specifications
Contact Area with Gold Plating
CSA/NRTL Certified File No. LR78160
UL File No. E134345
Performance Specifications
Materials and Finish
Insulator
PBT Thermoplastic, UL 94V-0 Rated, Black or White Color
Contacts
Copper Alloy
Contact Plating
Gold over Nickel on Contacts,
Tin over Nickel on Termination End
Shell
Copper Alloy,
Tin Plating
Mechanical Characteristics
Insertion Force: 3.57kg Max.
Extraction Force: 1.02kg Min.
Durability: 1500 Mating Cycles Min.
Electrical Characteristics
Rated Voltage
: 30V AC
Rated Current
: 1A
Contact Resistance: 30 milliohms Max
Insulation Resistance: 1000 Megohms Min.
Dielectric Withstanding Voltage: 500V AC For 1 Minute
Operating
Temperature: See Drawing
Pos. 1
Pos. 4
15.0
3.4
12.5
7.0
2.8
3.91
Series
KUSBVX -
Vertical Top Entry Universal Serial Bus
Type
AS1N - A Type
BS1N - B Type
Insulator Color Option
B - Black
W - White
Plating Option
Blank - Gold Flash
30 - 30
µ" Gold Plating
Generated Part Number
Part Number Builder
Series
Insulator
Color Option
Plating
Option
Type
Contact Kycon for other options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
KUSBVX-AS1N-W
KUSBVX
AS1N
W


Similar Part No. - KUSBVX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KUSBVX-AS1N9-BL ETC2-KUSBVX-AS1N9-BL Datasheet
224Kb / 1P
VERTICAL USB 3.0B - TYPE A
logo
Kycon, Inc.
KUSBVX-AS2N KYCON-KUSBVX-AS2N Datasheet
486Kb / 1P
Vertical Top Entry USB
KUSBVX-AS2N-B-1 KYCON-KUSBVX-AS2N-B-1 Datasheet
486Kb / 1P
Vertical Top Entry USB
KUSBVX-AS2N-B30-1 KYCON-KUSBVX-AS2N-B30-1 Datasheet
486Kb / 1P
Vertical Top Entry USB
KUSBVX-AS2N-W-1 KYCON-KUSBVX-AS2N-W-1 Datasheet
486Kb / 1P
Vertical Top Entry USB
More results

Similar Description - KUSBVX

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-USBB-M4-M-R ASSMANN-A-USBB-M4-M-R Datasheet
173Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry
A-USB-A-TOP ASSMANN-A-USB-A-TOP Datasheet
131Kb / 1P
USB connector -Top Entry
A-USBB-2-M4-M-R ASSMANN-A-USBB-2-M4-M-R Datasheet
173Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry
A-USBB-2-M5-TOP-R ASSMANN-A-USBB-2-M5-TOP-R Datasheet
167Kb / 1P
USB, Version B-Mini, 5-Poles, Top Entry Black
logo
Wurth Elektronik GmbH &...
634104149621 WURTH-634104149621 Datasheet
497Kb / 3P
VERTICAL PLASTIC MODULAR JACK SMT 4P4C TOP ENTRY
634108149621 WURTH-634108149621 Datasheet
448Kb / 3P
VERTICAL PLASTIC MODULAR JACK SMT 8P8C TOP ENTRY
logo
Pulse A Technitrol Comp...
E5266-001-01-L PULSE-E5266-001-01-L Datasheet
146Kb / 1P
TOP ENTRY SMD
E5288-006-02-L PULSE-E5288-006-02-L Datasheet
157Kb / 1P
TOP ENTRY SMD
logo
AVX Corporation
58-9296 AVX-58-9296 Datasheet
250Kb / 2P
Single Vertical Top Entry 18 AWG
logo
Kycon, Inc.
KUSBVX-AS2N KYCON-KUSBVX-AS2N Datasheet
486Kb / 1P
Vertical Top Entry USB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com