Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSBX Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSBX
Description  Right Angle USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBX Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSBX Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBX-AS1N
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 1015
UNIVERSAL SERIAL BUS: KUSBX Series
Right Angle USB
Product Features
Through Hole PCB Mount
Compatible with Many Computer Peripherals
A and B Types Available
Supports Hot Plugging
Contact Area with Gold Plating
CSA/NRTL Certified File No. LR78160
UL File No. E134345
Performance Specifications
Materials and Finish
Insulator
PBT Thermoplastic, UL 94V-0 Rated, Black or White Color
Contacts
Phosphor Bronze
Contact Plating
Gold on Contact Area
Tin on Soldertails, All over Nickel
Shell
Brass, Nickel Plated
Mechanical Characteristics
Insertion Force: 3.57kg Max.
Extraction Force: 1.02kg Min.
Durability: 1500 Mating Cycles Min.
Electrical Characteristics
Rated Voltage
: 30V AC
Rated Current
: 1.5A
Contact Resistance: 30 milliohms Max
Insulation Resistance: 1000 Megohms Min.
Dielectric Withstanding Voltage: 750V AC
Operating
Temperature: See Drawing
POS. 1
POS. 4
13.1
14.0
14.5
12.5
5.12
13.35
2.50
2.50
2.0
7.1
10.28
2.71
2.8
6.99
Series
KUSBX - Right Angle Universal Serial Bus
Type
AS1N - A Type
BS1N - B Type
AS2N -
Stacked A Type
Insulator Color Option
B - Black
W - White
Plating Option
Blank - Gold Flash
30 - 30
µ" Gold Plating
Generated Part Number
Part Number Builder
Series
Insulator
Color Option
Plating
Option
Type
Contact Kycon for other options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
KUSBX-AS1N-B
KUSBX
AS1N
B


Similar Part No. - KUSBX

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBX-MM KYCON-KUSBX-MM Datasheet
608Kb / 1P
USB C Type Mid Mount SMT Contacts
KUSBX-MM-CS1-B30TR KYCON-KUSBX-MM-CS1-B30TR Datasheet
608Kb / 1P
USB C Type Mid Mount SMT Contacts
KUSBX-SL KYCON-KUSBX-SL Datasheet
353Kb / 1P
Upright, Slim Profile Compatible with Many Computer Peripherals
KUSBX-SL-CS KYCON-KUSBX-SL-CS Datasheet
600Kb / 1P
Upright USB, C Type Jack, 14Pin
KUSBX-SL-CS1N14-B KYCON-KUSBX-SL-CS1N14-B Datasheet
600Kb / 1P
Upright USB, C Type Jack, 14Pin
More results

Similar Description - KUSBX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-440247-1 MACOM-1-440247-1 Datasheet
144Kb / 4P
MINI USB RIGHT ANGLE, SMT. B TYPE
logo
Adam Technologies, Inc.
USB-A-S-RU-1 ADAM-TECH-USB-A-S-RU-1 Datasheet
113Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-145 ADAM-TECH-USB-A-S-RU-145 Datasheet
95Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
logo
Kycon, Inc.
KUSBEX KYCON-KUSBEX Datasheet
1Mb / 1P
Fully Shielded Right Angle USB
KUSBEX-SMT KYCON-KUSBEX-SMT Datasheet
375Kb / 1P
Surface Mount Right Angle USB
logo
Switchcraft, Inc.
RAHPC2UA30E SWITCH-RAHPC2UA30E Datasheet
204Kb / 1P
RIGHT ANGLE USB TYPE-A 3.0, RoHS
Rev. A
RAHPCUA20 SWITCH-RAHPCUA20 Datasheet
298Kb / 1P
RIGHT ANGLE USB TYPE-A 2.0, RoHS
Rev. A
RAHPCUA30E SWITCH-RAHPCUA30E Datasheet
215Kb / 1P
RIGHT ANGLE USB TYPE-A 3.0, RoHS
Rev. A
RAHPCUB20 SWITCH-RAHPCUB20 Datasheet
180Kb / 1P
RIGHT ANGLE TYPE-B USB 2.0, RoHS
Rev. A
RAVPCUA20 SWITCH-RAVPCUA20 Datasheet
201Kb / 1P
RIGHT ANGLE TYPE-A USB 2.0, RoHS
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com