Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSBX-MM Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSBX-MM
Description  USB C Type Mid Mount SMT Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBX-MM Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSBX-MM Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBX-MM
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0119
UNIVERSAL SERIAL BUS: KUSBX-MM Series
USB C Type Mid Mount SMT Contacts
Product Features
USB Version 3.1 - Gen2 (10Gbps)
Mid Mount
Performance Specifications
Materials and Finish
Housing
High Temp Thermoplastic
UL 94V Rated, Black Color
Shield
Stainless Steel, Nickel Plated
Contact Material
Copper Alloy
Contact plating
30 Option: 30µ" Gold Plated on Contact Area,
Tin Plated on Solder Tails, All over Nickel Underplate
Electrical Characteristics
Rated Current
5.0A Inclusive (1.25A Ea.) For Pins
A4, A9, B4, and B9 (VBUS)
1.25A For pin B5 (VCONN)
6.25A Inclusive For Pins
A1, A12, B1, and B12 (GND)
0.25A For All other Pins
Rated Voltage
30V
Insulation Resistance
100 Megohms Min. at 250V DC
Contact Resistence
40 milliohms Max.
Dielectric Withstanding Voltage
100V AC RMS for 1 Minute
Mechanical Characteristics
Insertion Force: 5N - 20N
Withdrawal
Force: 6N- 20N
Durability: 10000 Mating Cycles Min.
Operating Temperature
-55°C to +105°C
Series
KUSBX-MM - USB Mid Mount SMT Contacts
Type
CS1 - C Type
Insulator Color Option
B - Black
Plating Option
30 - 30
µ" Gold Plating
Packaging
TR - Tape and Reel
Generated Part Number
Part Number Builder
Series
Insulator
Color
Plating
Type
Contact Kycon for more options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Packaging
KUSBX-MM-CS1-B30TR
KUSBX-MM
CS1
B
30
TR


Similar Part No. - KUSBX-MM

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBX-AS1N-B KYCON-KUSBX-AS1N-B Datasheet
792Kb / 1P
Right Angle USB
KUSBX-AS1N-B30 KYCON-KUSBX-AS1N-B30 Datasheet
792Kb / 1P
Right Angle USB
KUSBX-AS1N-W KYCON-KUSBX-AS1N-W Datasheet
792Kb / 1P
Right Angle USB
KUSBX-AS1N-W30 KYCON-KUSBX-AS1N-W30 Datasheet
792Kb / 1P
Right Angle USB
KUSBX-AS2N-B KYCON-KUSBX-AS2N-B Datasheet
792Kb / 1P
Right Angle USB
More results

Similar Description - KUSBX-MM

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBVX-SMT KYCON-KUSBVX-SMT Datasheet
411Kb / 1P
USB Type C Socket, Vertical Mount, SMT Contacts
KUSBVX-SMT3-CSB30TRC KYCON-KUSBVX-SMT3-CSB30TRC Datasheet
988Kb / 1P
USB Type C Socket, Vertical Mount, SMT Contacts, Long Shield Pins
logo
VITALCONN ELECTRONICS H...
UC4253XLB01 VITALCONN-UC4253XLB01 Datasheet
193Kb / 1P
USB C TYPE Mid-Mount Dual-Row SMT REC
logo
Global Connector Techno...
USB4050 GCT-USB4050 Datasheet
245Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4500 GCT-USB4500 Datasheet
173Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 0.8mm Offset
1st July 2021
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
USB4510 GCT-USB4510 Datasheet
163Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.6mm Offset
1st July 2021
USB4515 GCT-USB4515 Datasheet
166Kb / 2P
USB Type C Receptacle, SMT Type, Mid Mount, 1.6mm Offset, For Power Charging Only
1st July 2021
USB4520 GCT-USB4520 Datasheet
168Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 2.1mm Offset
1st July 2021
logo
Amphenol Communications...
10137064 AMPHENOLCS-10137064 Datasheet
201Kb / 2P
USB 3.1 Type C RECEPT. R/A MID-MOUNT, SMT AND DIP TAILS
2021-03-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com