Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSBX-SL-CS Datasheet(PDF) 1 Page - Kycon, Inc.

Part # KUSBX-SL-CS
Description  Upright USB, C Type Jack, 14Pin
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBX-SL-CS Datasheet(HTML) 1 Page - Kycon, Inc.

  KUSBX-SL-CS Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBX-SL
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 0819
UNIVERSAL SERIAL BUS: KUSBX-SL Series
Upright USB, C Type Jack, 14Pin
Product Features
Upright, Slim Profile
Compatible with Many Computer Peripherals
Supports Hot Plugging
Meets USB 2.0 and PD Specifications
Contact Area with Gold Plating
Performance Specifications
Materials and Finish
Insulator
High Temperature
, UL94 V-0 Rated, Black Color
Contact Material
Copper Alloy
Plating
Gold flash plated on both contact area and soldertails
with nickel under plated
Shield
Stainless Steel, Nickel plated
Electrical Characteristics
Current Rating
3A Max.
Contact Resistance
40 Milliohms Max.
Insulation Resistance
100 Megohms Min.
Dielectric withstanding Voltage
100V AC RMS for 1 Minute
Mechanical Characteristics
Insertion Force
5N - 20N
Extraction Force
8N - 20N
Durability
10000 Cycles
Operating Temperature
-30°C to 85°C
Series
KUSBX-SL - Upright, Universal Serial Bus
Type
CS1N14 - C Type, 14 Pin
Insulator Color Option
B - Black
Plating Option
Blank - Gold Flash
30 - 30
µ”Gold
Generated Part Number
Part Number Builder
Series
Insulator
Color Option
Plating
Option
Type
Contact Kycon for other options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
14.55
8.10
4.80
1.80
1.20
2.56
A1
B12
A1
A12
B12
B1
3.65
3.16
A12
B1
0.78
2.86
0.30
KUSBX-SL-CS1N14-B
KUSBX-SL
CS1N14
B


Similar Part No. - KUSBX-SL-CS

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
KUSBX-SL KYCON-KUSBX-SL Datasheet
353Kb / 1P
Upright, Slim Profile Compatible with Many Computer Peripherals
KUSBX-SLAS1N-B KYCON-KUSBX-SLAS1N-B Datasheet
353Kb / 1P
Upright, Slim Profile Compatible with Many Computer Peripherals
KUSBX-SLAS1N-B30 KYCON-KUSBX-SLAS1N-B30 Datasheet
353Kb / 1P
Upright, Slim Profile Compatible with Many Computer Peripherals
KUSBX-SLAS1N-W30 KYCON-KUSBX-SLAS1N-W30 Datasheet
353Kb / 1P
Upright, Slim Profile Compatible with Many Computer Peripherals
More results

Similar Description - KUSBX-SL-CS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
USB-A-S-RU ADAM-TECH-USB-A-S-RU Datasheet
113Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-1 ADAM-TECH-USB-A-S-RU-1 Datasheet
113Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-145 ADAM-TECH-USB-A-S-RU-145 Datasheet
95Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-HT ADAM-TECH-USB-A-S-RU-HT Datasheet
93Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-S1 ADAM-TECH-USB-A-S-RU-S1 Datasheet
90Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-S1-1 ADAM-TECH-USB-A-S-RU-S1-1 Datasheet
90Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-TH-1 ADAM-TECH-USB-A-S-RU-TH-1 Datasheet
116Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-WT ADAM-TECH-USB-A-S-RU-WT Datasheet
85Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-WT-1 ADAM-TECH-USB-A-S-RU-WT-1 Datasheet
85Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLEn
USB-A-S-RU-WT-HT-1 ADAM-TECH-USB-A-S-RU-WT-HT-1 Datasheet
87Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com