Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AM79C031
Description  Advanced Subscriber Line Interface Circuit (ASLIC) Device
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C031 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AM79C031 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 20Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 21Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM79C031 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
ASLIC/ASLAC Products
21
No.
Item
Condition
Min
Typ
Max
Unit
Note
9
IDC error among
programmed ILA, ILD
Any ILA or ILD programmed
value > 20 mA (IDC > 78.7
µA)
±5
%
4, 19
Any ILA or ILD programmed
value
≤ 20 mA (IDC ≤ 78.7 µA)
±4
µA19
10
Offset voltage allowed
on VIN
–50
+50
mV
10
11
VOUT offset voltage
AISN off
–40
+40
10, 19
AISN on
–80
+80
10
12
Output voltage, VREF
Load current = 0 to 1 mA
Source or sink
2.0
2.1
2.2
V
19
13
Capacitance load on
VREF or VOUT
200
pF
4
14
Output current VOUT
Source or sink
–1+1
mA
15
Input resistance
IDIF pin to VREF
8.84
13.6
18.36
k
Ω
6
16
VLBIAS operating
voltage
Source current < 250 µA or sink
current < 25 µA
+1
+2.4
V
18
17
Percent error of VLBIAS
voltage
For VLBIAS equation see
longitudinal control loop
–5+5
%
18
Capacitance load on
VLBIAS
120
pF
6
19
Capacitance load on
IRTA or IRTB
400
Table 5. ASLAC Device DC Specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com