Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031JC Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AM79C031JC
Description  Advanced Subscriber Line Interface Circuit (ASLIC) Device
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C031JC Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AM79C031JC Datasheet HTML 25Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 26Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 27Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 28Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 29Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 30Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 31Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 32Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
ASLIC/ASLAC Products
29
Total Distortion, Including Quantizing Distortion
The signal-to-total distortion ratio will exceed the limits shown in Figure 5 for either path when the input signal is a
sine wave signal of frequency 1014 Hz.
Improved distortion at lower levels in LSSGR applications can be obtained by proper selection of the GX and GR
ranges.
Figure 5. Total Distortion with Tone Input (Both Paths)
Input Level (dBm0)
Signal-to-Total
Distortion (dB)
ASLAC Device Specification
0
–30
–40
–45
C
D
A
A-law
µ-law
A
35.5 dB 35.5 dB
B
35.5 dB 35.5 dB
C
30 dB
31 dB
D
25 dB
27 dB
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com