Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGU6005/N2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGU6005/N2
Description  Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU6005/N2 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGU6005/N2 Datasheet HTML 1Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 2Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 3Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 4Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 5Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 6Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 7Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 8Page - NXP Semiconductors BGU6005/N2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BGU6005_N2
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Preliminary data sheet
Rev. 2 — 31 January 2017
2 of 10
NXP Semiconductors
BGU6005/N2
Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
1.4 Quick reference data
[1]
PCB losses are subtracted.
[2]
f1 = 1713 MHz; f2 = 1851 MHz; Pi = 20 dBm at f1; Pi = 65 dBm at f2.
2.
Pinning information
3.
Ordering information
4.
Marking
Table 1.
Quick reference data
f = 1559 MHz to 1610 MHz; VCC = 1.8 V; VI(ENABLE) 0.9 V; Pi < 40 dBm; Tamb =25 C; input
matched to 50
using a 5.6 nH inductor; unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
VCC
supply voltage
RF input AC coupled
-
1.8
-
V
ICC
supply current
-
5.2
-
mA
Gp
power gain
no jammer
-
17
-
dB
NF
noise figure
no jammer
[1] -0.85 -
dB
Pi(1dB)
input power at 1 dB
gain compression
f = 1575 MHz
VCC =1.8 V
-
9-
dBm
VCC =2.85 V
-
6-
dBm
IP3i
input third-order intercept point
f = 1575 MHz
VCC =1.8 V
[2] -3-
dBm
VCC =2.85 V
[2] -6-
dBm
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1GND
2GND
3RF_IN
4VCC
5
ENABLE
6RF_OUT
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BGU6005/N2
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
Table 4.
Marking codes
Type number
Marking code
BGU6005/N2
D1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com