Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3202TL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3202TL
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3202TL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3202TL Datasheet HTML 1Page - National Semiconductor (TI) LM3202TL Datasheet HTML 2Page - National Semiconductor (TI) LM3202TL Datasheet HTML 3Page - National Semiconductor (TI) LM3202TL Datasheet HTML 4Page - National Semiconductor (TI) LM3202TL Datasheet HTML 5Page - National Semiconductor (TI) LM3202TL Datasheet HTML 6Page - National Semiconductor (TI) LM3202TL Datasheet HTML 7Page - National Semiconductor (TI) LM3202TL Datasheet HTML 8Page - National Semiconductor (TI) LM3202TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DD,PVIN to SGND
−0.2V to +6.0V
PGND to SGND
−0.2V to +0.2V
EN, FB, V
CON
(SGND −0.2V)
to (V
DD +0.2V)
w/6.0V max
SW
(PGND −0.2V)
to (PV
IN +0.2V)
w/6.0V max
PV
IN to VDD
−0.2V to +0.2V
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
(Soldering, 10 sec)
+260˚C
ESD Rating (Notes 4, 13)
Human Body Model:
Machine Model:
2kV
200V
Operating Ratings (Notes 1, 2)
Input Voltage Range
2.7V to 5.5V
Recommended Load Current
0mA to 650mA
Junction Temperature (T
J) Range
−30˚C to +125˚C
Ambient Temperature (T
A) Range
(Note 5)
−30˚C to +85˚C
Thermal Properties
Junction-to-Ambient Thermal
100˚C/W
Resistance (
θ
JA), TLA08 Package
(Note 6)
Electrical Characteristics (Notes 2, 7, 8) Limits in standard typeface are for T
A =TJ = 25˚C. Limits in bold-
face type apply over the full operating ambient temperature range (−30˚C
≤ T
A =TJ
≤ +85˚C). Unless otherwise noted, all
specifications apply to LM3202 with: PV
IN =VDD = EN = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
FB, MIN
Feedback Voltage at minimum
setting
V
CON = 0.4V(Note 8)
1.21
1.30
1.39
V
V
FB
Feedback Voltage
V
CON = 1.1V(Note 8)
2.693
2.75
2.835
V
V
FB, MAX
Feedback Voltage at maximum
setting
V
CON = 1.4V(Note 8)
3.03
3.17
3.29
V
I
SHDN
Shutdown supply current
EN = SW = V
CON = 0V,
(Note 9)
0.01
2
µA
I
Q
DC bias current into V
DD
V
CON = 1V, FB = 0V,
No Switching (Note 10)
1
1.4
mA
R
DSON(P)
Pin-pin resistance for PFET
I
SW = 200mA
140
200
230
m
Ω
R
DSON(N)
Pin-pin resistance for NFET
I
SW = -200mA
300
415
485
m
Ω
I
LIM,PFET
Switch peak current limit
(Note 11)
935
1100
1200
mA
F
OSC
Internal oscillator frequency
1.7
2
2.3
MHz
V
IH,EN
Logic high input threshold
1.2
V
V
IL,EN
Logic low input threshold
0.5
V
I
PIN,ENABLE Pin pull down current
5
10
µA
V
CON,MIN
V
CON Threshold
Commanding V
FB,MIN
V
CON swept down(Note 8)
0.484
0.52
0.556
V
V
CON,MAX
V
CONThreshold
Commanding V
FB,MAX
V
CON swept up(Note 8)
1.208
1.27
1.312
V
Z
CON
V
CON input resistance
100
k
Ω
Gain
V
CON to VOUT Gain
0.556V
≤ V
CON
≤ 1.208V
2.5
V/V
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com