Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3202TLX Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3202TLX
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3202TLX Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3202TLX Datasheet HTML 7Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 8Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 9Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 10Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 11Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 12Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 13Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 14Page - National Semiconductor (TI) LM3202TLX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
CAPACITOR SELECTION
The LM3202 is designed for ceramic capacitor for its input
and output filters. Use a 10µF ceramic capacitor for input
and a 4.7µF ceramic capacitor for output. Ceramic capaci-
tors types such as X5R, X7R are recommended to use for
both filters. These provide an optimal balance between small
size, cost, reliability and performance for cell phones and
similar applications. Table 3 lists suggests some part num-
bers and suppliers. DC bias characteristics of the capacitors
must be considered when selecting the voltage rating and
case size of the capacitor. Smaller case sizes for the output
mitigates piezo electric vibrations of the capacitor when the
output voltage is stepped up and down at fast rates however
they have a bigger percentage drop in value with dc bias.
Use of multiple 2.2µF or 1µF capacitors can also be consid-
ered.
TABLE 3. Suggested capacitors and their suppliers
Model
Vendor
JMK212BJ475, 4.7µF, 6.3V
Taiyo-Yuden
GRM188R60J475, 4.7µF, 6.3V
MuRata
C2012X5R0J106,10µF, 6.3V
TDK
The input filter capacitor supplies AC current drawn by the
PFET switch of the LM3202 in the first part of each cycle and
reduces the voltage ripple imposed on the input power
source. The output filter capacitor absorbs the AC inductor
current, helps maintain a steady output voltage during tran-
sient load changes and reduces output voltage ripple. These
capacitors must be selected with sufficient capacitance and
sufficiently low ESR (Equivalent Series Resistance) to per-
form these functions. The ESR of the filter capacitors is
generally a major factor in voltage ripple.
EN PIN CONTROL
Drive the EN pin using the system controller to turn the
LM3202 ON and OFF. Use a comparator, Schmidt trigger or
logic gate to drive the EN pin. Set EN high (>1.2V) for
normal operation and low (<0.5V) for a 0.01µA (typ.) shut-
down mode.
Set EN low to turn off the LM3202 during power-up and
under voltage conditions when the power supply is less than
the 2.7V minimum operating voltage. The part is out of
regulation when the input voltage is less than 2.7V. The
LM3202 is designed for mobile phones where the system
controller controls operation mode for maximizing battery life
and requirements for small package size outweigh the addi-
tional size required for inclusion of UVLO (Under Voltage
Lock-Out) circuitry.
Micro SMD PACKAGE ASSEMBLY AND USE
Use of the Micro SMD package requires specialized board
layout, precision mounting and careful re-flow techniques, as
detailed in National Semiconductor Application Note 1112.
Refer to the section Surface Mount Technology (SMD) As-
sembly Considerations. For best results in assembly, align-
ment ordinals on the PC board should be used to facilitate
placement of the device. The pad style used with Micro SMD
package must be the NSMD (non-solder mask defined) type.
This means that the solder-mask opening is larger than the
pad size. This prevents a lip that otherwise forms if the
solder-mask and pad overlap, from holding the device off the
surface of the board and interfering with mounting. See
Application Note 1112 for specific instructions how to do this.
The 8-Bump package used for LM3202 has 300micron sol-
der balls and requires 10.82mil pads for mounting on the
circuit board. The trace to each pad should enter the pad
with a 90˚entry angle to prevent debris from being caught in
deep corners. Initially, the trace to each pad should be 7mil
wide, for a section approximately 7mil long , as a thermal
relief. Then each trace should neck up or down to its optimal
width. The important criterion is symmetry. This ensures the
solder bumps on the LM3202 re-flow evenly and that the
device solders level to the board. In particular, special atten-
tion must be paid to the pads for bumps A1, A3 and B3.
Because PGND and PVIN are typically connected to large
copper planes, inadequate thermal relief’s can result in late
or inadequate re-flow of these bumps.
The Micro SMD package is optimized for the smallest pos-
sible size in applications with red or infrared opaque cases.
Because the Micro SMD package lacks the plastic encapsu-
lation characteristic of larger devices, it is vulnerable to light.
Backside metallization and/or epoxy coating, along with
front-side shading by the printed circuit board, reduce this
sensitivity. However, the package has exposed die edges. In
particular, Micro SMD devices are sensitive to light, in the
red and infrared range, shining on the package’s exposed
die edges.
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter
design. Poor board layout can disrupt the performance of a
DC-DC converter and surrounding circuitry by contributing to
EMI, ground bounce, and resistive voltage loss in the traces.
These can send erroneous signals to the DC-DC converter
IC, resulting in poor regulation or instability. Poor layout can
also result in re-flow problems leading to poor solder joints
between the Micro SMD package and board pads. Poor
solder joints can result in erratic or degraded performance.
Good layout for the LM3202 can be implemented by follow-
ing a few simple design rules.
1.
Place the LM3202 on 10.82mil pads. As a thermal relief,
connect to each pad with a 7mil wide, approximately
7mil long traces, and when incrementally increase each
trace to its optimal width. The important criterion is sym-
metry to ensure the solder bumps on the LM3202 re-flow
evenly (see Micro SMD Package Assembly and Use).
2.
Place the LM3202, inductor and filter capacitors close
together and make the trace short. The traces between
these components carry relatively high switching cur-
rents and act as antennas. Following this rule reduces
radiated noise. Place the capacitors and inductor within
0.2inch (5mm) of the LM3202.
3.
Arrange the components so that the switching current
loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor,
through the LM3202 and inductor to the output filter
capacitor and back through ground, forming a current
loop. In the second half of each cycle, current is pulled
up from ground, through the LM3202 by the inductor, to
the output filter capacitor and then back through ground,
forming a second current loop. Routing these loops so
the current curls in the same direction prevents mag-
netic field reversal between the two half-cycles and re-
duces radiated noise.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com