Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSU113F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSU113F
Description  LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSU113F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSU113F Datasheet HTML 1Page - Toshiba Semiconductor TLSU113F Datasheet HTML 2Page - Toshiba Semiconductor TLSU113F Datasheet HTML 3Page - Toshiba Semiconductor TLSU113F Datasheet HTML 4Page - Toshiba Semiconductor TLSU113F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLOU113P(F),TLSU113P(F),TLYU113P(F)
2004-06-28
2
TLOU113P(F)
波長特性
波
長
λ (nm)
1.0
0
540
0.8
0.6
0.4
0.2
560
580
600
620
640
660
IF = 20mA
Ta = 25°C
IF – Ta
周囲温度
Ta (°C)
40
0
0
20
40
60
80
100
30
20
10
IF – VF
順
電 圧
VF (V)
100
1
1.6
50
10
5
2
1.8
2.0
2.4
2.2
2.6
Ta = 25°C
20
IV – Tc
ケース温度
Tc (°C)
100
10
0.1
−25
0.2
1
0.5
0
25
50
75
2
5
IV – IF
順
電 流
IF (mA)
1000
2000
500
1
200
100
20
2
5
10
20
50
50
100
Ta = 25°C
指向特性
Ta = 25°C
0
0.2
0.4
0.6
0.8
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com