Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF166CTD Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SF166CTD
Description  16.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF166CTD Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SF166CTD Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF166CTD Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
ambient temperature unless otherwise specified.
NOTES :
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-220AB open metal package
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
TO-220AB/TO-220-3L
Unit : inch (mm)
SF161CTD thru SF168CTD
Pb Free Plating Product
SF161CTD thru SF168CTD
16.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Application
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
5.0
175
0.98
35
50
90
1.5
UNIT
V
V
V
V
A
A
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
200
400
1.3
1.7
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
SF168CTD
Rev.10T
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
(Total Device 2x8A=16A)
(Per Diode/Per Leg)
μA
μA
/W
℃
℃
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "CTG"
Case
Series
Tandem Polarity
Suffix "CTA"
Suffix "CTS"
Doubler
Tandem Polarity
Suffix "CTD"
℃
℃
℃
℃
SF167CTD
SF166CTD
SF165CTD
SF164CTD
SF161CTD


Similar Part No. - SF166CTD

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SF166CTD SEMTECH_ELEC-SF166CTD Datasheet
397Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
More results

Similar Description - SF166CTD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR1620DR THINKISEMI-MUR1620DR_12 Datasheet
366Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FED16BT THINKISEMI-FED16BT Datasheet
368Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FEP16BTD THINKISEMI-FEP16BTD Datasheet
368Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
F16C20D THINKISEMI-F16C20D Datasheet
423Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
SF161CD THINKISEMI-SF161CD Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF161D THINKISEMI-SF161D Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SPR161D THINKISEMI-SPR161D Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
UF16C20D THINKISEMI-UF16C20D Datasheet
266Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
VF16C20D THINKISEMI-VF16C20D Datasheet
265Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR1620CD THINKISEMI-MUR1620CD Datasheet
274Kb / 2P
16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com