Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF166CS Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SFF166CS
Description  16.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF166CS Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SFF166CS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF166CS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
ambient temperature unless otherwise specified.
NOTES :
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: ITO-220AB isolated fully plastic package
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
SFF161CS thru SFF168CS
Pb Free Plating Product
SFF161CS thru SFF168CS
16.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Application
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
5.0
175
0.98
35
50
90
3.0
UNIT
V
V
V
V
A
A
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
200
400
1.3
1.7
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
SFF168CS
Rev.10T
(Total Device 2x8A=16A)
(Per Diode/Per Leg)
μA
μA
/W
℃
℃
℃
℃
℃
℃
SFF167CS
SFF166CS
SFF165CS
SFF164CS
SFF161CS
ITO-220AB/TO-220F-3L
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "CA"
Suffix "CD"
Suffix "CS"
Suffix "CT"
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Unit : inch (mm)


Similar Part No. - SFF166CS

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SFF166C MIC-SFF166C Datasheet
58Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Thinki Semiconductor Co...
SFF166C THINKISEMI-SFF166C Datasheet
357Kb / 2P
16.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
SFF166CA THINKISEMI-SFF166CA Datasheet
354Kb / 2P
16.0 Ampere Insulated Dual Common Anode Super Fast Recovery Rectifiers
SFF166CD THINKISEMI-SFF166CD Datasheet
354Kb / 2P
16.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
SFF166CT THINKISEMI-SFF166CT Datasheet
354Kb / 2P
16.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
More results

Similar Description - SFF166CS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F60SA60DS THINKISEMI-F60SA60DS Datasheet
1Mb / 3P
16.0 Ampere Insulated Stealth Dual Series Connection Fast Recovery Rectifiers
MURF1620GD THINKISEMI-MURF1620GD Datasheet
465Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
UF1620GD THINKISEMI-UF1620GD Datasheet
377Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
SF161CS THINKISEMI-SF161CS Datasheet
345Kb / 2P
16.0 Ampere Heatsink Dual Series Connection Super Fast Recovery Rectifiers
SFF161CTS THINKISEMI-SFF161CTS Datasheet
354Kb / 2P
16.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
SFF161S THINKISEMI-SFF161S Datasheet
354Kb / 2P
16.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
SDURF1620CTS THINKISEMI-SDURF1620CTS_V01 Datasheet
271Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
MURF1620CS THINKISEMI-MURF1620CS Datasheet
265Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MUR1620FCL THINKISEMI-MUR1620FCL Datasheet
294Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
MURL1620FCT THINKISEMI-MURL1620FCT Datasheet
294Kb / 2P
16.0 Ampere Insulated Dual Series Connection Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com