Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  MKDS 5/ 2-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 19, 2011
Extract from the online
catalog
 
MKDS 5/ 2-7,62
Order No.: 1868076
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1868076
 
 
PC terminal block, Nominal current: 32 A, Nom. voltage: 500 V,
Pitch: 7.62 mm, Number of positions: 2, Type of connection: Screw
connection, Mounting: Soldering, Conductor/PCB connection direction:
0 °, Color: green, The article can be aligned to create different nos. of
positions!
 
Commercial data
GTIN (EAN)
4
017918
121303
sales group
E510
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 315 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
19.05 mm
Height
21.5 mm


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
0804549 PHOENIX-0804549 Datasheet
143Kb / 5P
PCV 4/ 2-G-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704936 PHOENIX-1704936 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
1710589 PHOENIX-1710589 Datasheet
113Kb / 6P
PCB terminal block - MKDS 5/ 4-7,62
1714939 PHOENIX-1714939 Datasheet
89Kb / 3P
MKDS 5/ 2-6,35 BK
1714955 PHOENIX-1714955 Datasheet
157Kb / 6P
MKDS 5/ 2-6,35
1714971 PHOENIX-1714971 Datasheet
137Kb / 5P
MKDS 5/ 2-9,5
1890947 PHOENIX-1890947 Datasheet
63Kb / 4P
PCB terminal block - MKDS 5/ 9-7,62 BEIGE SO1 BD:NZ
1902547 PHOENIX-1902547 Datasheet
157Kb / 6P
MKDS 5 HV/ 2-9,52
1907432 PHOENIX-1907432 Datasheet
142Kb / 6P
MKDS 5 HV/ 2-9,52-Z
1933707 PHOENIX-1933707 Datasheet
63Kb / 4P
PCB terminal block - MKDS 5/ 7-7,62 BD:NZ
1777723 PHOENIX-1777723 Datasheet
225Kb / 6P
PC 5/ 2-ST1-7,62
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com