Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP0921 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DP0921
Description  Phase Shifter 6 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DP0921 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DP0921 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DP0921
Phase Shifter 6 Section
FEATURES
400 - 450 MHz
± 2.8 Deg. Phase Accuracy
2 mA, +5 VDC
40 nSec Switching Speed
TTL Control
38 Pin DIP
6 BIT
DA ICO
I ndustries
Rev. - / Iss. 1
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
400
450
MHz
DC Current
230mA
At +5 VDC Supply
Control Type
TTL
6 Line
Logic “0” = Thru
Logic “1” = Phase Shift
Control Current
High
0
±2
µA
VIH = +2.7 V
Low
0
±2
µA
VIL = +0.5 V
Insertion Loss
6.2
6.7
dB
Phase
LSB
5.6
DEG
Range
0
354.3
DEG
5.6, 11.2, 22.5, 45, 90, 180
Accuracy
±2.8 DEG
VSWR
1.36/1
1.5/1
Impedance
50
OHMS
Switching Speed
44
150
nSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
11
40
nSec
90% / 10% or 10% / 90% RF
Switching (Video) Transients
140
mV
Peak Value
Intercept Points
2nd
+52.0
dBm
250 MHz / 150 MHz
3rd
+27.5
dBm
125 MHz / 150 MHz
RF Power
Operate
+8.5
+6
dBm
0.1 dB Compression
No Damage
+27
dBm
Operating Temperature
-55
+25
+125
°CTA
GUARANTEED PERFORMANCE
.xx = .02
.xxx = .010
CONTRASTING
COLOR BEAD
1.00 MAX
.800
38
20
19
1
.100 TYP
1.800
.018
±.002 DIA
38 PLACES
2.00 MAX
.20
.20
PART
IDENTIFICATION
TYPICAL PERFORMANCE
at 25
°C
FREQUENCY (MHz)
10
40
100
400
1000
0
3
6
9
12
1.0
1.4
1.8
2.2
2.6
VSWR
I. LOSS
•••
••
•••••••••••••••
180
°
+5V
GND
GND
GND
11.2
°
GND
5.6
°
GND
GND
GND
GND
IN/OUT
RF
5.6
°
180
°
38
37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
N/C = NO INTERNAL CONNECTION
GND
45
°
GND
N/C
GND
GND
90
°
11.2
°
22.5
°
45
°
“0”
“1”
“1”
“1”
“1”
90
°
GND
C1
C2
C3
C4
C5
C6
22.5
°
“1”
IN/OUT
RF


Similar Part No. - DP0921

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP09 MACOM-DP09 Datasheet
258Kb / 3P
9mm Rotary Encoder
More results

Similar Description - DP0921

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0896 DAICO-100D0896 Datasheet
158Kb / 1P
Phase Shifter 6 Section
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
CPS62036 DAICO-CPS62036 Datasheet
173Kb / 1P
Phase Shifter 6 Section
DPS38017 DAICO-DPS38017 Datasheet
25Kb / 1P
3 Section Phase Shifter
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
DPS89032 DAICO-DPS89032 Datasheet
167Kb / 1P
Phase Shifter 8 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com