Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B431AM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # B431AM
Description  2.5V Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431AM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button B431AM Datasheet HTML 3Page - List of Unclassifed Manufacturers B431AM Datasheet HTML 4Page - List of Unclassifed Manufacturers B431AM Datasheet HTML 5Page - List of Unclassifed Manufacturers B431AM Datasheet HTML 6Page - List of Unclassifed Manufacturers B431AM Datasheet HTML 7Page - List of Unclassifed Manufacturers B431AM Datasheet HTML 8Page - List of Unclassifed Manufacturers B431AM Datasheet HTML 9Page - List of Unclassifed Manufacturers B431AM Datasheet HTML 10Page - List of Unclassifed Manufacturers B431AM Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94506
Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B431
TYPICAL PERFORMANCE CURVES
OUT
GND
220
Ω
f
P = 100 kHz
INPUT
MONITOR
50
Ω
Pulse Response
Figure 12
t - Time (
µs)
12
-1
0
1
2
3
4
5
6
11
10
9
8
7
6
5
4
3
2
1
0
150
Ω
10 k
I
K
C
L
Stability Boundary Conditions
Figure 13
C
L - Load Capacitance (pF)
OUTPUT
107
106
105
104
103
102
101
100
0
10
20
30
40
50
60
70
80
90
100
STABILITY
REGION
T
A = 25 °C
A: V
KA= VREF
B: V
KA= 5V at I K = 10 mA
C: V
KA= 10V at I K = 10 mA
D: V
KA= 15V at I K = 10 mA
D
C
A
B
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com