Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPA56371 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSPA56371
Description  The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPA56371 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSPA56371 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSPA56371 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Signal/Connection Descriptions
Freescale Semiconductor
DSP56371 Technical Data
21
SDO2
Output
GPIO
disconnected
Serial Data Output 2—When programmed as a transmitter,
SDO2 is used to transmit data from the TX2 serial transmit shift
register
SDI3
Input
Serial Data Input 3—When programmed as a receiver, SDI3 is
used to receive serial data into the RX3 serial receive shift
register.
PC9
Input, output, or
disconnected
Port C9—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
SDO1
Output
GPIO
disconnected
Serial Data Output 1—SDO1 is used to transmit data from the
TX1 serial transmit shift register.
PC10
Input, output, or
disconnected
Port C10—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
SDO0
Output
GPIO
disconnected
Serial Data Output 0—SDO0 is used to transmit data from the
TX0 serial transmit shift register.
PC11
Input, output, or
disconnected
Port C11—When the ESAI is configured as GPIO, this signal is
individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
Table 8. Enhanced Serial Audio Interface Signals (Continued)
Signal
Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com