Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B431DBR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B431DBR
Description  2.5V Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B431DBR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button B431DBR Datasheet HTML 3Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 4Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 5Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 6Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 7Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 8Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 9Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 10Page - List of Unclassifed Manufacturers B431DBR Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94506
Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B431
TYPICAL PERFORMANCE CURVES
Figure 8
f - Frequency (Hz)
20
10
10
100
1 k
10 k
100 k
0
Noise Voltage
70
30
40
50
60
V
KA= VREF
I
K = 10 mA
T
A = 25°C
T
A - Free Air Temperature
Figure 9
Low Frequency Dynamic Output Impedance
-60
-30
0
30
60
90
120
0.0
V
KA = VREF
I
KA = 1 to 100 mA
f < 1 kHz
0.025
0.050
0.075
0.100
0.125
0.150
Figure 7
Reference Voltage Line Regulation
V
KA - Cathode Voltage (V)
0
-10
-20
-30
-40
-50
T
A - Ambient Temperature ( °C)
Figure 6
Reference Input Current
-60
-30
0
30
60
90
120
0
R1 = 10 k
Ω
R2 =
∞
I
K = 10 mA
0.5
1.0
1.5
2.0
2.5
3.0
18
0
3
6
9
12
15
105 °C
75 °C
25 °C
0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com