Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10D511K Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 10D511K
Description  Metal Oxide Varistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

10D511K Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  10D511K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 10D511K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 10D511K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 10D511K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 10D511K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
All data is subject to change,Please check our data sheets at
www.leiditech.com for updates.
MOV 04
©2011 Littelfuse, Inc.
Revision: November 13, 2011
LA Varistor Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Should transients occur in rapid succession, the average
times the number of pulses per second. The power so
developed must be within the specifications shown on the
Device Ratings and Specifications Table for the specific
Current Energy and Power Dissipation Ratings
Peak Pulse CurrentTest Waveform
100
90
50
10
O1
T
T1
T2
TIME
0
1
T
1
T
2
Example
µs Current Waveform:
8µ
1
20µ
2
100
90
80
70
60
50
40
30
20
10
0
-555060708090100 110120 130140 150
AMBIENTTEMPERATURE ( oC)
Figure 1A - Power Derating for Epoxy Coated
Figure 2
100
90
80
70
60
50
40
30
20
10
0
-555060708090100 110120 130140 150
AMBIENTTEMPERATURE ( oC)
device. The operating values of a MOV need to be derated
at high temperatures as shown above. Because varistors
only dissipate a relatively small amount of average power
they are not suitable for repetitive applications that involve
substantial amounts of average power dissipation.
Figure 1B - Power Derating for Pholenic Coated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com