Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBP21 Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # MBP21
Description  High Current Ferrite Chip Bead(Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

MBP21 Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  MBP21 Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. MBP21 Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
Tai-Tech
Part Number
Impedance (Ω)
Test Frequency
(MHz)
DC Resistance
(Ω) max.
Rated Current
(mA) max.
MBP21K300-30A
30±25%
100
0.04
3000
MBP21K600-30A
60±25%
100
0.04
3000
MBP21K121-20A
120±25%
100
0.10
2000
MBP21K221-20A
220±25%
100
0.10
2000
MBP21K301-10A
300±25%
100
0.20
1000
MBP21K601-10A
600±25%
100
0.20
1000
●
Rated current: based on temperature rise test
●
In compliance with EIA 595
1. Features
2. Dimensions
3. Part Numbering
4. Specification
Chip Size
A
2.00±0.20
B
1.25±0.20
C
0.85±0.20
D
0.50±0.30
Units: mm
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. Suitable for reflow soldering.
4. Shapes and dimensions follow E.I.A. spec.
5. Available in various sizes.
6. Excellent solder ability and heat resistance.
7. High reliability.
8. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
9. Low DC resistance structure of electrode to prevent wasteful electric power consumption.
10. Operating Temperature: -55~+125℃(Including self-temperature rise)
High Current Ferrite Chip Bead(Lead Free)
MBP21-Series
Halogen-free
Halogen
MBP
21
K
-
121
-
20
A
A
B
C
D
EF
A: Series
B: Dimension
C: Material
Lead Free Material
D: Impedance
121=120Ω
E: Rated Current
20=2000mA
F: Category Code


Similar Part No. - MBP21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBP20 ETC1-MBP20 Datasheet
116Kb / 1P
Micro Power Resistors
logo
Eaton All Rights Reserv...
MBP200BTS EATON-MBP200BTS Datasheet
1Mb / 28P
Cutler- Hammer
2002
MBP200BTSCR EATON-MBP200BTSCR Datasheet
1Mb / 28P
Cutler- Hammer
2002
MBP200BTSD EATON-MBP200BTSD Datasheet
1Mb / 28P
Cutler- Hammer
2002
MBP200SD EATON-MBP200SD Datasheet
1Mb / 28P
Cutler- Hammer
2002
More results

Similar Description - MBP21

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP41 TAI-TECH-MBP41 Datasheet
74Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP18 TAI-TECH-MBP18 Datasheet
83Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
MBP15 TAI-TECH-MBP15 Datasheet
76Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4532 TAI-TECH-HCB4532 Datasheet
92Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB2012 TAI-TECH-HCB2012 Datasheet
98Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com