Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM3225F2DF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # ACM3225F2DF
Description  Wire Wound Type Common Mode Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

ACM3225F2DF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  ACM3225F2DF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. ACM3225F2DF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
Series
A(mm)
B(mm)
C(mm)
D1(mm)
D2(mm)
3225F2DF
3.3±0.2
2.5±0.2
2.5 max
0.55±0.15 0.75±0.20
TAI-TECH
Part Number
Common mode
Impedance (Ω)
[10MHz]
Inductance(μH)
+50/-30%
[100kHz/0.1V]
DC Resistance
(Ω) max.
Rated Current
(mA) max.
Rated
voltage
(Vdc) max.
IR
(MΩ) min.
ACM3225F2DF-110T03-D
300 min.
550 typ.
11
0.4
300
80
10
ACM3225F2DF-220T02-D
500 min.
1100 typ.
22
0.5
250
80
10
ACM3225F2DF-510T02-D
1000 min.
2600 typ.
51
0.7
200
80
10
ACM3225F2DF-101T01-D
2200 min.
5100 typ.
100
1.5
150
80
10
1. High common mode impedance at high frequency effects excellent noise
suppression performance.
2. ACM3225F2DF series realizes small size and low profile 3.2x2.5x2.5 mm
3. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
4. Operating temperature -40~+150℃(Including self - temperature rise)
ACM 3225
F
2
D
F
-
110
T
03
-
D
A
B
C
D
E
F
G
H
I
J
A: Series
B: Dimension
C: Material
Ferrite Core
D: Number of Lines
2=2 lines
E: Type
W4D
F: Lead free
G: Inductance
110=11(μH)
H: Packaging
T=Taping and Reel
I: Rated Current
03=300mA
J: Control S/N
Recommended PC Board Pattern
Wire Wound Type Common Mode Filter
ACM3225F2DF-SERIES-D
Units: mm
Halogen-free
Halogen


Similar Part No. - ACM3225F2DF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
ACM3225F2SF TAI-TECH-ACM3225F2SF Datasheet
179Kb / 2P
Wire Wound Type Common Mode Filter
ACM3225F2SF-102T15 TAI-TECH-ACM3225F2SF-102T15 Datasheet
179Kb / 2P
Wire Wound Type Common Mode Filter
ACM3225F2SF-501T20 TAI-TECH-ACM3225F2SF-501T20 Datasheet
179Kb / 2P
Wire Wound Type Common Mode Filter
More results

Similar Description - ACM3225F2DF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WCL21S TAI-TECH-WCL21S Datasheet
125Kb / 2P
Wire Wound Type Common Mode Filter
DCM321620F2SF-600T02 TAI-TECH-DCM321620F2SF-600T02 Datasheet
108Kb / 1P
Wire Wound Type Common Mode Filter
ACM4532F2NF TAI-TECH-ACM4532F2NF Datasheet
137Kb / 2P
Wire Wound Type Common Mode Filter
ACM3225F2SF TAI-TECH-ACM3225F2SF Datasheet
179Kb / 2P
Wire Wound Type Common Mode Filter
WCM453220F2SF TAI-TECH-WCM453220F2SF Datasheet
195Kb / 2P
Wire Wound Type Common Mode Filter
WCM9070 TAI-TECH-WCM9070 Datasheet
114Kb / 1P
Wire Wound Type Common Mode Filter
WCM7060CLF2 TAI-TECH-WCM7060CLF2 Datasheet
685Kb / 3P
Wire Wound Type Common Mode Filter
WCM5025F2SF TAI-TECH-WCM5025F2SF Datasheet
171Kb / 2P
Wire Wound Type Common Mode Filter
HSF2012F2SF-SERIES-H TAI-TECH-HSF2012F2SF-SERIES-H Datasheet
753Kb / 3P
Wire Wound Type Common Mode Filter
HDMI2012F2SF TAI-TECH-HDMI2012F2SF Datasheet
302Kb / 2P
Wire Wound Type Common Mode Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com