Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

127031 Datasheet(PDF) 1 Page - Adels-Contact

Part # 127031
Description  1500/11 HT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADELS [Adels-Contact]
Direct Link  https://www.adels-contact.com/
Logo ADELS - Adels-Contact

127031 Datasheet(HTML) 1 Page - Adels-Contact

  127031 Datasheet HTML 1Page - Adels-Contact 127031 Datasheet HTML 2Page - Adels-Contact  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
29/01/2020
Screw Connectors
1500/11 HT
Terminal Block, 11 pole, Insulating Material: PA 6.6-HT, Cross-Section: 10.0 mm², Pin Spacing: 13.5 mm,
Fixing: Screw, Voltage Rating: 500 V, Current Rating: 57 A
Order Info
Reference Number (ref. no.)
127031
Applications
Installation, Electrical Appliances, Transformers
PU
0
Type
Type
Terminal Block
Number of poles
11 pole
Clamping Units per Pole
1
Colour
brown
Cross-Section
10.0 mm²
Connection Type
Screw
Technical Data
Voltage Rating
500 V
Current Rating
57 A
Insulating Material
PA 6.6-HT
Contact Material
Brass
Core Cross-Section min.
0.5 mm²
Core Cross-Section max.
10.0 mm²
Flammability Rating
V-2
max. Ambient Temperature Operation
130 °C
Type of Conductor Solid
yes
Type of Conductor Flexible
yes
Type of Conductor Stranded
yes
Stripping Length
8.0-8.5 mm
Assembly Contact Screw
0.8x4.0 / 1.2 Nm
Pin Spacing
13.5 mm
Fixing
Screw
Approbation EN60998
1500_EN60998_20070823_20160412_VDE_ENEC_40021887_web.pdf
Approbation UL
1500_2000_19890315_20170213_UL_E63492_1-08_Description_web.pdf
Approbation CSA
Schraub_Steck_Schraubenlos_SI_Klemmen_20160429_CSA_70076573_Certificate_web.pdf


Similar Part No. - 127031

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1270310 PHOENIX-1270310 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC125-2,0M2
More results

Similar Description - 127031

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
127021 ADELS-127021 Datasheet
112Kb / 2P
1500/ 1 HT
127022 ADELS-127022 Datasheet
112Kb / 2P
1500/ 2 HT
127023 ADELS-127023 Datasheet
112Kb / 2P
1500/ 3 HT
127024 ADELS-127024 Datasheet
112Kb / 2P
1500/ 4 HT
127025 ADELS-127025 Datasheet
112Kb / 2P
1500/ 5 HT
127027 ADELS-127027 Datasheet
112Kb / 2P
1500/ 7 HT
127029 ADELS-127029 Datasheet
112Kb / 2P
1500/ 9 HT
127030 ADELS-127030 Datasheet
112Kb / 2P
1500/10 HT
127032 ADELS-127032 Datasheet
112Kb / 2P
1500/12 HT
127131 ADELS-127131 Datasheet
112Kb / 2P
1500/11 DS HT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com