Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1890455 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1890455
Description  PCB terminal block - ZFK3DSA 1,5-6,08 BK(BC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1890455 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1890455 Datasheet HTML 1Page - PHOENIX CONTACT 1890455 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/1890455
10/28/2014   Page 2 / 2
PCB terminal block - ZFK3DSA 1,5-6,08 BK(BC) - 1890455
Technical data
General
Stripping length
7.5 mm
Number of positions
1
Connection data
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
14
Minimum AWG according to UL/CUL
26
Maximum AWG according to UL/CUL
12
Classifications
eCl@ss
eCl@ss 4.0
27141109
eCl@ss 4.1
27141109
eCl@ss 5.0
27141190
eCl@ss 5.1
27141190
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440401
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002643
ETIM 5.0
EC002643
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121432
UNSPSC 13.2
39121432
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com