Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THI18F-R15SMA Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # THI18F-R15SMA
Description  High Frequency Chip Inductor (Lead Free)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

THI18F-R15SMA Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  THI18F-R15SMA Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. THI18F-R15SMA Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
1. Features
2. Dimensions
3. Part Numbering
High Frequency Chip Inductor (Lead Free)
THI18-Series
1. Monolithic inorganic material construction.
2. Closed magnetic circuit avoids crosstalk.
3. S.M.T. type.
4. Suitable for reflow soldering.
5. Shapes and dimensions follow E.I.A. spec.
6. Available in various sizes.
7. Excellent solder ability and heat resistance.
8. High SRF up to 6GHz and above.
9. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
10. Operating Temperature:-55~+105℃(Including self-temperature rise)
Halogen-free
Halogen
Chip Size
A
1.60±0.15
B
0.80±0.15
C
0.80±0.15
D
0.30±0.20
Units: mm
D
A
B
THI
18
F
-
6N8
J
-
M
A
A
B
C
D
E
F
G
A: Series
B: Dimension
C: Material
Lead Free Material
D: Inductance
6N8=6.8nH
E: Inductance Tolerance
S=±0.3nH , J=±5% , K=±10%
F: MARKING
G: Category Code


Similar Part No. - THI18F-R15SMA

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THI1211 TRACOPOWER-THI1211 Datasheet
837Kb / 4P
DC/DC Converter THI 2 Series, 2 Watt
Rev. November 30, 2022
THI1212 TRACOPOWER-THI1212 Datasheet
837Kb / 4P
DC/DC Converter THI 2 Series, 2 Watt
Rev. November 30, 2022
THI1213 TRACOPOWER-THI1213 Datasheet
837Kb / 4P
DC/DC Converter THI 2 Series, 2 Watt
Rev. November 30, 2022
THI1220 TRACOPOWER-THI1220 Datasheet
837Kb / 4P
DC/DC Converter THI 2 Series, 2 Watt
Rev. November 30, 2022
THI1221 TRACOPOWER-THI1221 Datasheet
837Kb / 4P
DC/DC Converter THI 2 Series, 2 Watt
Rev. November 30, 2022
More results

Similar Description - THI18F-R15SMA

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
THI15 TAI-TECH-THI15 Datasheet
80Kb / 3P
High Frequency Chip Inductor (Lead Free)
HCI1608F TAI-TECH-HCI1608F Datasheet
67Kb / 3P
High Frequency Chip Inductor (Lead Free)
CPI201610UF TAI-TECH-CPI201610UF Datasheet
69Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CPI160809UF TAI-TECH-CPI160809UF Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
CMPI252010 TAI-TECH-CMPI252010 Datasheet
68Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MCP21610U TAI-TECH-MCP21610U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MCP2110U TAI-TECH-MCP2110U Datasheet
66Kb / 2P
High Current Ferrite Chip Inductor (Lead Free)
MPI201610MF TAI-TECH-MPI201610MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809SF TAI-TECH-MPI160809SF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
MPI160809MF TAI-TECH-MPI160809MF Datasheet
152Kb / 1P
High Current Ferrite Chip Inductor (Lead Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com