Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI1008UF-R47G Datasheet(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWI1008UF-R47G
Description  High Frequency Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWI1008UF-R47G Datasheet(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWI1008UF-R47G Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWI1008UF-R47G Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P3
1
10
100
1000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
100000
SWI1008 Z vs Freq.
10nH
220nH
2.2uH
1
10
100
1000
FREQUENCY(MHz)
1
10
100
1000
1000 0
1000 00
SWI1008 L vs Freq.
10nH
220nH
2.2uH
Part Number
Inductance
(nH)
Tolerance
Test Frequency
(Hz)
Q @ Test Freq.
min.
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz)
min.
SWI1008UF-R15□
150
G, J,K
0.1V/25M
45/100
580
0.70
850
SWI1008UF-R18□
180
G, J,K
0.1V/25M
45/100
620
0.77
750
SWI1008UF-R22□
220
G, J,K
0.1V/25M
45/100
500
0.84
700
SWI1008UF-R27□
270
G, J,K
0.1V/25M
45/100
500
0.91
600
SWI1008UF-R33□
330
G, J,K
0.1V/25M
45/100
450
1.05
570
SWI1008UF-R39□
390
G, J,K
0.1V/25M
45/100
470
1.12
500
SWI1008UF-R47□
470
G, J,K
0.1V/25M
45/100
470
1.19
450
SWI1008UF-R56□
560
G, J,K
0.1V/25M
45/100
400
1.33
415
SWI1008UF-R62□
620
G, J,K
0.1V/25M
45/100
300
1.40
375
SWI1008UF-R68□
680
G, J,K
0.1V/25M
45/100
400
1.47
375
SWI1008UF-R75□
750
G, J,K
0.1V/25M
45/100
360
1.54
360
SWI1008UF-R82□
820
G, J,K
0.1V/25M
45/100
400
1.61
350
SWI1008UF-R91□
910
G, J,K
0.1V/25M
35/50
380
1.68
320
SWI1008UF-1R0□
1000
G, J,K
0.1V/25M
35/50
370
1.75
290
SWI1008UF-1R2□
1200
G, J,K
0.1V/7.9M
35/50
310
2.00
250
SWI1008UF-1R5□
1500
G, J,K
0.1V/7.9M
28/50
330
2.23
200
SWI1008UF-1R8□
1800
G, J,K
0.1V/7.9M
28/50
300
2.60
160
SWI1008UF-2R2□
2200
G, J,K
0.1V/7.9M
28/50
280
2.80
160
SWI1008UF-2R7□
2700
G, J,K
0.1V/7.9M
22/25
290
3.20
140
SWI1008UF-3R3□
3300
G, J,K
0.1V/7.9M
22/25
290
3.40
110
SWI1008UF-3R9□
3900
G, J,K
0.1V/7.9M
20/25
260
3.6
100
SWI1008UF-4R7□
4700
G, J,K
0.1V/7.9M
18/7.9
200
4
32
SWI1008UF-5R6□
5600
G, J,K
0.1V/7.9M
18/7.9
200
4.0
25
SWI1008UF-6R8□
6800
G, J,K
0.1V/7.9M
18/7.9
200
4.9
21
SWI1008UF-8R2□
8200
G, J,K
0.1V/7.9M
16 /7.9
170
6.0
16
SWI1008UF-100□
10000
G, J,K
0.1V/2.52M
15/7.9
170
8.0
14
Impedance v.s. Frequency Characteristics
Inductance v.s. Frequency Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com