Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCL3
Description  GENERAL PURPOSE MIDGET CLASS MCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCL3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCL3 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCL3 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCL3 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCL3 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCL3 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Edison Fuses - Fuse Holders Specifications
Power Products
1-8 00-6 3 3-0 4 0 5
26–62
Modular Fuseholder Selection Table
Series Size
Max Voltage
& Current
IEC UL
CSA
Phase
Configuration
No. of
17.5mm
Modules
Fuse
Holder
Without
Indication
Box
Qty.
Pc.
Wt.
(lbs.)
Price
Fuse
Holder
with
Neon
Indication
Box
Qty.
Pc.
Wt.
(lbs.)
Price
Wire
Range
Maximum
Torque
C
CH
HM
M
M
Miiddggeett C
Cllaassss
UL/CSA 600
VAC/DC,
30A (3 Watt)
IEC 690 VAC, 32A
•
†
•
1 pole
1
CHM1D
12
0.14
$48.00
CHM1DI
12
0.14
$64.00
1-16mm2
(18-8 AWG)
2.5 Nm
(22 lb-in)
•
†
•
2 pole
2
CHM2D
6
0.3
$50.00
CHM2DI
6
0.3
$65.00
•
†
•
3 pole
3
CHM3D
4
0.4
$50.00
CHM3DI
4
0.4
$66.00
C
CH
HC
CC
C
C
Cllaassss C
CC
C
UL/CSA
600VAC/DC, 30A
††
•
1 pole
1
CHCC1D
12
0.14
$56.00
CHCC1DI
12
0.14
$72.00
††
•
2 pole
2
CHCC2D
6
0.3
$58.00
CHCC2DI
6
0.3
$75.00
††
•
3 pole
3
CHCC3D
4
0.4
$58.00
CHCC3DI
4
0.4
$75.00
• Holder width as compared to standard 17.5mm module (1 = 17.5mm, 2 = 35mm)
† UL Recognized
†† UL Listed
Features
• Multiple-pole configurations
• Finger-safe protection
• Optional “open-fuse” indication
• Polyester material is UL 94V-0 rated,
self-extinguishing
• Multi-phase connections available for
ganging poles
• CE marking
Agency Approvals Class CC
• UL Listed to 512, Guide IZLT, File E14853
• CSA Certified, Std. C22.2 No. 39,
Class 6225-01, File LR47235
• IEC 60269
• IEC 60947
• CE Compliant
Agency Approvals Midget
• UL Recognized to 512, Guide IZLT2, File E14853
• CSA Certified, Std. C22.2 No. 39,
Class 6225-01, File LR47235
• IEC 60269
• IEC 60947
• CE Compliant
EDISON FUSES – FUSE HOLDERS
Fuse Holders Dimensions
unit = mm (in)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com