Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI0805F-R11J Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWI0805F-R11J
Description  High Frequency Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWI0805F-R11J Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWI0805F-R11J Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWI0805F-R11J Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimensions
3. Part Numbering
4. Specification
SWI
0805
F
-
2N0
S
A
B
C
D
E
A: Series
B: Dimension
LxW
C: Lead free type
D: Inductance
2N0=2.0nH
E: Inductance Tolerance
C=±0.2nH , S=±0.3nH, J=±5% ,K=±10%
Part Number
Inductance
(nH)
Tolerance
Test Frequency
(Hz)
Q @ Test Freq.
min.
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWI0805F-2N0□
2.0
C,S
0.1V/250M
70/1500
800
0.03
8000
SWI0805F-3N9□
3.9
C,S
0.1V/250M
70/1500
800
0.04
5750
SWI0805F-4N7□
4.7
C,S
0.1V/250M
70/1500
800
0.04
5750
SWI0805F-6N8□
6.8
C,J,K
0.1V/250M
70/1500
800
0.06
5500
SWI0805F-7N5□
7.5
C,J,K
0.1V/250M
70/1000
800
0.06
4500
SWI0805F-8N2□
8.2
C,J,K
0.1V/250M
70/1000
800
0.06
4700
SWI0805F-10N□
10
J,K
0.1V/250M
70/1000
600
0.08
4200
SWI0805F-12N□
12
J,K
0.1V/250M
80/1000
600
0.08
4000
SWI0805F-15N□
15
J,K
0.1V/250M
80/1000
600
0.10
3400
Size
A(mm)
B(mm)
C(mm)
D(mm)
E(mm)
SWI0805
2.40 max.
1.60 max.
1.40 max.
0.51 ref.
0.44±0.1
Unit:mm
1. Ceramic core wire wound construction.
2. No batch to batch variations in inductance
3. High Reliability due to ceramic wire wound construction.
4. High frequency application.
5. Small footprint as well as low profile.
6.100% Lead(Pb) & Halogen-Free and RoHS compliant.
7. Operating temperature-40~+125℃ (Including self - temperature rise)
High Frequency Winding Type Chip Inductor SWI0805F-SERIES
Halogen-free
Halogen


Similar Part No. - SWI0805F-R11J

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
SWI0402F TAI-TECH-SWI0402F Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWI0402F-10NJ-HC TAI-TECH-SWI0402F-10NJ-HC Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWI0402F-10NK-HC TAI-TECH-SWI0402F-10NK-HC Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWI0402F-11NJ-HC TAI-TECH-SWI0402F-11NJ-HC Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWI0402F-11NK-HC TAI-TECH-SWI0402F-11NK-HC Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
More results

Similar Description - SWI0805F-R11J

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWI1008UF TAI-TECH-SWI1008UF Datasheet
146Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0402F TAI-TECH-SWI0402F Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC108I TAI-TECH-SWC108I Datasheet
81Kb / 2P
High Frequency Winding Type Chip Inductor
SWC85I TAI-TECH-SWC85I Datasheet
82Kb / 2P
High Frequency Winding Type Chip Inductor
SWC63I TAI-TECH-SWC63I Datasheet
87Kb / 2P
High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com