Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF3225CF Datasheet(PDF) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

Part # SWF3225CF
Description  Winding Type Chip Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
Direct Link  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

SWF3225CF Datasheet(HTML) 1 Page - TAI-TECH Advanced Electronics Co., Ltd.

  SWF3225CF Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. SWF3225CF Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAI-TECH
www.tai-tech.com.tw
P2
1. Features
2. Dimension
3. Part Numbering
4. Specification
1. Ferrite core wire wound construction.
2. High Reliability due to wire wound type construction.
3. Small footprint as well as low profile.
4. Application for DC power line.
5. 100% Lead(Pb) & Halogen-Free and RoHS compliant.
6. Operating temperature-40~+125℃ (Including self - temperature rise)
SWF
3225
C
F
-
1R0
M
A
B
C
D
E
F
A: Series
B: Dimension
L x W
C: Application
DC Power Line
D: Lead free
E: Inductance
1R0=1.00uH
F: Inductance Tolerance
K=±10%, M=±20%
Size
A
B
C
D
E
SWF3225
3.60 max.
2.80 max.
2.60 max.
0.80 ref.
0.55±0.1
Unit:mm
Winding Type Chip Inductor
SWF3225CF-SERIES
TAI-TECH
Part Number
Inductance
(uH)
Tolerance
Test Frequency
(Hz)
Q
min.
Test Frequency
(MHz)
Rated Current
(mA) max.
DCR
(Ω) max.
SRF
(MHz) min.
SWF3225CF-1R0□
1.00
K,M
0.5V/7.96M
10
7.96
1200
0.12
290
SWF3225CF-1R5□
1.50
K,M
0.5V/7.96M
10
7.96
1000
0.13
260
SWF3225CF-2R2□
2.20
K,M
0.5V/7.96M
10
7.96
880
0.17
190
SWF3225CF-3R3□
3.30
K,M
0.5V/7.96M
10
7.96
775
0.22
64
SWF3225CF-4R7□
4.70
K,M
0.5V/7.96M
10
7.96
710
0.26
54
SWF3225CF-6R8□
6.80
K,M
0.5V/7.96M
10
7.96
660
0.30
34
SWF3225CF-100□
10.0
K,M
0.5V/2.52M
10
2.52
570
0.39
25
SWF3225CF-150□
15.0
K,M
0.5V/2.52M
10
2.52
440
0.66
17
SWF3225CF-220□
22.0
K,M
0.5V/2.52M
10
2.52
400
0.82
16
Halogen-free
Halogen


Similar Part No. - SWF3225CF

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWF3N80 SEMIPOWER-SWF3N80 Datasheet
788Kb / 7P
N-channel MOSFET
SWF3N80A SEMIPOWER-SWF3N80A Datasheet
954Kb / 7P
N-channel MOSFET
logo
VBsemi Electronics Co.,...
SWF3N80A VBSEMI-SWF3N80A Datasheet
2Mb / 9P
Power MOSFET
More results

Similar Description - SWF3225CF

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
WIH3225F TAI-TECH-WIH3225F Datasheet
107Kb / 1P
Winding Type Chip Inductor
SWF2520CF TAI-TECH-SWF2520CF Datasheet
134Kb / 2P
Winding Type Chip Inductor
SWF2012RF TAI-TECH-SWF2012RF Datasheet
156Kb / 1P
Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608RIF-SERIES-X5 TAI-TECH-SWF1608RIF-SERIES-X5 Datasheet
182Kb / 2P
Winding Type Chip Inductor
SWF1608LF TAI-TECH-SWF1608LF Datasheet
132Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC42I TAI-TECH-SWC42I Datasheet
89Kb / 2P
Winding Type Chip Inductor
SWC32FC TAI-TECH-SWC32FC Datasheet
103Kb / 2P
Winding Type Chip Inductor
SWC18FC TAI-TECH-SWC18FC Datasheet
77Kb / 2P
Winding Type Chip Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com